| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L152C8 Datasheet(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152C8 Datasheet(HTML) 59 Page - STMicroelectronics |
|
59 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Electrical characteristics Doc ID 17659 Rev 8 59/121 Table 22. Typical and maximum current consumptions in Stop mode Symbol Parameter Conditions Typ(1) Max (1)(2) Unit IDD (Stop with RTC) Supply current in Stop mode with RTC enabled RTC clocked by LSI, regulator in LP mode, HSI and HSE OFF (no independent watchdog) LCD OFF TA = -40°C to 25°C VDD = 1.8 V 1.2 2.75 µA TA = -40°C to 25°C 1.4 4 TA = 55°C 2.6 6 TA= 85°C 4.8 10 TA = 105°C 10.2 23 LCD ON (static duty)(3) TA = -40°C to 25°C 3.3 6 TA = 55°C 4.5 8 TA= 85°C 6.6 12 TA = 105°C 13.6 27 LCD ON (1/8 duty)(4) TA = -40°C to 25°C 7.7 10 TA = 55°C 8.6 12 TA= 85°C 10.7 16 TA = 105°C 19.8 40 RTC clocked by LSE external clock (32.768 kHz), regulator in LP mode, HSI and HSE OFF (no independent watchdog) LCD OFF TA = -40°C to 25°C 1.6 4 TA = 55°C 2.7 6 TA= 85°C 4.8 10 TA = 105°C 10.3 23 LCD ON (static duty)(3) TA = -40°C to 25°C 3.6 6 TA = 55°C 4.6 8 TA= 85°C 6.7 12 TA = 105°C 10.9 23 LCD ON (1/8 duty)(4) TA = -40°C to 25°C 7.6 10 TA = 55°C 8.6 12 TA= 85°C 10.7 16 TA = 105°C 19.8 40 RTC clocked by LSE (no independent watchdog)(5) LCD OFF TA = -40°C to 25°C VDD = 1.8 V 1.45 TA = -40°C to 25°C VDD = 3.0 V 1.9 TA = -40°C to 25°C VDD = 3.6 V 2.2 |