| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OMAP3530ECBB Datasheet(PDF) 85 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBB Datasheet(HTML) 85 Page - Texas Instruments |
|
85 / 264 page ![]() OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 Table 2-3. Ball Characteristics (CUS Pkg.) (continued) BALL BALL TOP [2] PIN NAME [3] MODE [4] TYPE [5] BALL RESET BALL RESET RESET REL. POWER [9] HYS [10] BUFFER PULLUP BOTTOM [1] STATE [6] REL. STATE MODE [8] STRENG TH /DOWN TYPE [7] (mA) [11] [12] gpio_29 4 IO mm2_txse0 5 IO hsusb2_tll_ 6 IO data1 E16, F15, vdds_mem 0 PWR - - - - - - - - F16, G15, G16, H15, J6, J7, J8, K6, K7, K8 F12, F13, vdd_core 0 PWR - - - - - - - - G12, G13, H12, H13, J17, J18, K17, K18, K19, L14, L15, M14, M15, R17, R18, R19, T17, T18, T19, T20 F10, G9, G10, vdd_mpu_iva 0 PWR - - - - - - - - H9, H10, J9, J10, L11, L12, M6, M7, M8, M12, N6, N7, N8, R6, R7, R8, T7, T8, U12, U13, V12, V13, W12, W13 H8 vdds_mmc1a 0 PWR - - - - - - - - M17, M18, vdds 0 PWR - - - - - - - - M19, N17, N18, N19, U10, V9, V10, W9, W10, Y9 N24 vdds_mmc1 0 PWR - - - - - - - - Y12, U8, H17 cap_vdd_wku 0 PWR - - - - - - - - p, cap_vdd_sram _mpu_iva, cap_vdd_sram _core G18 vdds_dpll_dll 0 PWR - - - - - - - - U17 vdds_dpll_per 0 PWR - - - - - - - - AA12 vdds_sram 0 PWR - - - - - - - - AA13 vdds_wkup_b 0 PWR - - - - - - - - g AB15 vssa_dac 0 GND - - - - - - - - AB13 vdda_dac 0 PWR - - - - - - - - H11, H14, vss 0 GND - - - - - - - - H16, J11, J12, J13, J14, J15, J16, K10, K11, K14, K15, L8, L10, L13, L17, M9, M10, M11, M13, M16, N9, N10, N11, N12, N13, N14, N15, N16, P8, P10, P11, P12, P13, P14, P15, P17, R10, R11, R14, R15, T9, T10, T11, T12, T13, T14, T15, T16, U9, U11, U14, U15, U16, V15, V16, W15 AD1, A1, A2, No Connect - - - - - - - - - - B1 Submit Documentation Feedback TERMINAL DESCRIPTION 85 |