| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OMAP3530ECBB72 Datasheet(PDF) 67 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBB72 Datasheet(HTML) 67 Page - Texas Instruments |
|
67 / 264 page ![]() OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 Table 2-2. Ball Characteristics (CBC Pkg.) (continued) BALL BALL BUFFER PULLUP BALL BALL TOP PIN NAME RESET REL. MODE [4] TYPE [5] RESET RESET REL. POWER [9] HYS [10] STRENG TH /DOWN IO CELL [13] BOTTOM [1] [2] [3] MODE [8] STATE [6] STATE [7] (mA) [11] TYPE [12] V3 NA mcbsp4_clkx 0 IO L L 7 vdds Yes 4 (3) PU100/ LVCMOS PD100 gpio_152 4 IO hsusb3_tll_d 5 IO ata1 mm3_txse0 6 IO safe_mode 7 - U4 NA mcbsp4_dr 0 I L L 7 vdds Yes 4 (3) PU100/ LVCMOS PD100 gpio_153 4 IO hsusb3_tll_d 5 IO ata0 mm3_rxrcv 6 IO safe_mode 7 - R3 NA mcbsp4_dx 0 IO L L 7 vdds Yes 4 (3) PU100/ LVCMOS PD100 gpio_154 4 IO hsusb3_tll_d 5 IO ata2 mm3_txdat 6 IO safe_mode 7 - T3 NA mcbsp4_fsx 0 IO L L 7 vdds Yes 4 (3) PU100/ LVCMOS PD100 gpio_155 4 IO hsusb3_tll_d 5 IO ata3 mm3_txen_n 6 IO safe_mode 7 - M3 NA mmc2_dat5 0 IO L L 7 vdds Yes 4 (3) PU100/ LVCMOS PD100 mmc2_dir_da 1 O t1 cam_global_r 2 IO eset mmc3_dat1 3 IO gpio_137 4 IO hsusb3_tll_st 5 I p mm3_rxdp 6 IO safe_mode 7 - L3 NA mmc2_dat6 0 IO L L 7 vdds Yes 4 (3) PU100/ LVCMOS PD100 mmc2_dir_c 1 O md cam_shutter 2 O mmc3_dat2 3 IO gpio_138 4 IO hsusb3_tll_di 5 O r safe_mode 7 - K3 NA mmc2_dat7 0 IO L L 7 vdds Yes 4 (3) PU100/ LVCMOS PD100 mmc2_clkin 1 I mmc3_dat3 3 IO gpio_139 4 IO hsusb3_tll_n 5 IO xt mm3_rxdm 6 IO safe_mode 7 - W2 NA uart1_cts 0 I L L 7 vdds Yes 4 (3) PU100/ LVCMOS PD100 Submit Documentation Feedback TERMINAL DESCRIPTION 67 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |