| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OMAP3530ECBC72 Datasheet(PDF) 160 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC72 Datasheet(HTML) 160 Page - Texas Instruments |
|
160 / 264 page ![]() gpmc_clk gpmc_ncsx gpmc_a[10:1] gpmc_nbe0_cle gpmc_nbe1 gpmc_nadv_ale gpmc_noe gpmc_d[15:0] gpmc_waitx gpmc_io_dir Valid Address D0 D1 D2 D3 OUT OUT IN OUT F0 F12 F13 F13 F12 F4 F1 F1 F2 F6 F3 F7 F8 F8 F9 F10 F11 F21 F22 F6 F7 030-022 F23 F24 OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0, 1, 2, or 3. Figure 6-3. GPMC/NOR Flash – Synchronous Burst Read – 4x16-bit (GpmcFCLKDivider = 0) 160 TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS Submit Documentation Feedback |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |