| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC27L2CPWR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC27L2CPWR Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 49 page ![]() TLC27L2, TLC27L2A, TLC27L2B, TLC27L7 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC27L2I TLC27L2AI TLC27L2BI TLC27L7I UNIT MIN TYP MAX TLC27L2I VO = 1.4 V, VIC = 0, 25 °C 1.1 10 TLC27L2I VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 1 MΩ Full range 13 mV TLC27L2AI VO = 1.4 V, VIC = 0, 25 °C 0.9 5 mV VIO Input offset voltage TLC27L2AI VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 1 MΩ Full range 7 VIO Input offset voltage TLC27L2BI VO = 1.4 V, VIC = 0, 25 °C 240 2000 TLC27L2BI VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 1 MΩ Full range 3500 V TLC27L7I VO = 1.4 V, VIC = 0, 25 °C 170 500 µV TLC27L7I VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 1 MΩ Full range 2000 VIO Average temperature coefficient of 25 °C to 1.1 V/ °C αVIO Average temperature coefficient of input offset voltage 25 C to 85 °C 1.1 µV/°C IIO Input offset current (see Note 4) VO = 2.5 V, VIC = 2.5 V 25 °C 0.1 60 pA IIO Input offset current (see Note 4) VO = 2.5 V, VIC = 2.5 V 85 °C 24 1000 pA IIB Input bias current (see Note 4) VO = 2.5 V, VIC = 2.5 V 25 °C 0.6 60 pA IIB Input bias current (see Note 4) VO = 2.5 V, VIC = 2.5 V 85 °C 200 2000 pA − 0.2 − 0.3 25 °C − 0.2 to − 0.3 to V VICR Common-mode input voltage range 25 C to 4 to 4.2 V VICR Common-mode input voltage range (see Note 5) − 0.2 (see Note 5) Full range − 0.2 to V Full range to 3.5 V 25 °C 3.2 4.1 VOH High-level output voltage VID = 100 mV, RL = 1 MΩ −40 °C 3 4.1 V VOH High-level output voltage VID = 100 mV, RL = 1 MΩ 85 °C 3 4.2 V 25 °C 0 50 VOL Low-level output voltage VID = − 100 mV, IOL = 0 −40 °C 0 50 mV VOL Low-level output voltage VID = − 100 mV, IOL = 0 85 °C 0 50 mV Large-signal differential 25 °C 50 480 AVD Large-signal differential voltage amplification VO = 0.25 V to 2 V, RL = 1 MΩ −40 °C 50 900 V/mV AVD voltage amplification VO = 0.25 V to 2 V, RL = 1 MΩ 85 °C 50 330 V/mV 25 °C 65 94 CMRR Common-mode rejection ratio VIC = VICRmin −40 °C 60 95 dB CMRR Common-mode rejection ratio VIC = VICRmin 85 °C 60 95 dB Supply-voltage rejection ratio 25 °C 70 97 kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) VDD = 5 V to 10 V, VO = 1.4 V −40 °C 60 97 dB kSVR ( ∆VDD/∆VIO) VDD = 5 V to 10 V, VO = 1.4 V 85 °C 60 98 dB VO = 2.5 V, VIC = 2.5 V, 25 °C 20 34 IDD Supply current (two amplifiers) VO = 2.5 V, No load VIC = 2.5 V, −40 °C 31 54 µA IDD Supply current (two amplifiers) No load 85 °C 15 26 µA † Full range is − 40°C to 85°C. NOTES: 4. The typical values of input bias current and input offset current below 5 pA were determined mathematically. 5. This range also applies to each input individually. |