| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LP5900SD-2.7/NOPB Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5900SD-2.7/NOPB Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 25 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 2-May-2013 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LP5900TL-1.9/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.0/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.1/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.2/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.3/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.5/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.6/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.65/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.7/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.75/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.8/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-2.85/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-3.0/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-3.3/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TL-4.5/NOPB ACTIVE DSBGA YZR 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-1.5/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-1.575/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 LP5900TLX-1.8/NOPB ACTIVE DSBGA YZR 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |