| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATSAM3N1CB-CU Datasheet(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSAM3N1CB-CU Datasheet(HTML) 9 Page - ATMEL Corporation |
|
9 / 60 page ![]() 9 11011BS–ATARM–22-Feb-12 SAM3N Summary Notes: 1. Schmitt Triggers can be disabled through PIO registers. 2. Some PIO lines are shared with System IOs. 3. See Section 5.3 “Typical Powering Schematics” for restriction on voltage range of Analog Cells. Serial Peripheral Interface - SPI MISO Master In Slave Out I/O MOSI Master Out Slave In I/O SPCK SPI Serial Clock I/O SPI_NPCS0 SPI Peripheral Chip Select 0 I/O Low SPI_NPCS1 - SPI_NPCS3 SPI Peripheral Chip Select Output Low Two-Wire Interface- TWIx TWDx TWIx Two-wire Serial Data I/O TWCKx TWIx Two-wire Serial Clock I/O Analog ADVREF ADC and DAC Reference Analog 10-bit Analog-to-Digital Converter - ADC AD0 - AD15 Analog Inputs Analog ADTRG ADC Trigger Input VDDIO Digital-to-Analog Converter Controller- DACC DAC0 DACC channel analog output Analog DATRG DACC Trigger Input VDDIO Fast Flash Programming Interface PGMEN0-PGMEN2 Programming Enabling Input VDDIO PGMM0-PGMM3 Programming Mode Input PGMD0-PGMD15 Programming Data I/O PGMRDY Programming Ready Output High PGMNVALID Data Direction Output Low PGMNOE Programming Read Input Low PGMCK Programming Clock Input PGMNCMD Programming Command Input Low Table 3-1. Signal Description List (Continued) Signal Name Function Type Active Level Voltage Reference Comments |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |