Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB2S Datasheet(PDF) 17 Page - Kingtronics International Company

No. de pieza MB2S
Descripción Electrónicos  BRIDGE RECTIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGTRONICS [Kingtronics International Company]
Página de inicio  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

MB2S Datasheet(HTML) 17 Page - Kingtronics International Company

Back Button MB2S Datasheet HTML 10Page - Kingtronics International Company MB2S Datasheet HTML 11Page - Kingtronics International Company MB2S Datasheet HTML 12Page - Kingtronics International Company MB2S Datasheet HTML 13Page - Kingtronics International Company MB2S Datasheet HTML 14Page - Kingtronics International Company MB2S Datasheet HTML 15Page - Kingtronics International Company MB2S Datasheet HTML 16Page - Kingtronics International Company MB2S Datasheet HTML 17Page - Kingtronics International Company MB2S Datasheet HTML 18Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
17
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
BR2506L
600
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR2508L
800
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR2510L
1000
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR35005L
50
35.0
400
17.5
1.1
5.0
500
1.4
-55~+125
BR-L
BR3501L
100
35.0
400
17.5
1.1
5.0
500
1.4
-55~+125
BR-L
BR3502L
200
35.0
400
17.5
1.1
5.0
500
1.4
-55~+125
BR-L
BR3504L
400
35.0
400
17.5
1.1
5.0
500
1.4
-55~+125
BR-L
BR3506L
600
35.0
400
17.5
1.1
5.0
500
1.4
-55~+125
BR-L
BR3508L
800
35.0
400
17.5
1.1
5.0
500
1.4
-55~+125
BR-L
BR3510L
1000
35.0
400
17.5
1.1
5.0
500
1.4
-55~+125
BR-L
BR50005L
50
50.0
500
25
1.1
5.0
500
1.4
-55~+125
BR-L
BR5001L
100
50.0
500
25
1.1
5.0
500
1.4
-55~+125
BR-L
BR5002L
200
50.0
500
25
1.1
5.0
500
1.4
-55~+125
BR-L
BR5004L
400
50.0
500
25
1.1
5.0
500
1.2
-55~+125
BR-L
BR5006L
600
50.0
500
25
1.1
5.0
500
1.2
-55~+125
BR-L
BR5008L
800
50.0
500
25
1.1
5.0
500
1.2
-55~+125
BR-L
BR5010L
1000
50.0
500
25
1.1
5.0
500
1.2
-55~+125
BR-L
SKBPC25005
50
25.0
360
40
1.2
10
500
1.2
-55~+125
SKBPC
SKBPC2501
100
25.0
360
40
1.2
10
500
1.2
-55~+125
SKBPC
SKBPC2502
200
25.0
360
40
1.2
10
500
1.2
-55~+125
SKBPC
SKBPC2504
400
25.0
360
40
1.2
10
500
1.2
-55~+125
SKBPC
SKBPC2506
600
25.0
360
40
1.2
10
500
1.2
-55~+125
SKBPC
SKBPC2508
800
25.0
360
40
1.2
10
500
1.2
-55~+125
SKBPC
SKBPC2510
1000
25.0
360
40
1.2
10
500
1.5
-55~+125
SKBPC
SKBPC2512
1200
25.0
360
40
1.2
10
500
1.5
-55~+125
SKBPC
SKBPC2514
1400
25.0
360
40
1.2
10
500
1.5
-55~+125
SKBPC
SKBPC2516
1600
25.0
360
40
1.2
10
500
1.5
-55~+125
SKBPC
SKBPC35005
50
35.0
425
40
1.2
10
500
1.5
-55~+125
SKBPC
SKBPC3501
100
35.0
425
40
1.2
10
500
1.5
-55~+125
SKBPC
SKBPC3502
200
35.0
425
40
1.2
10
500
1.5
-55~+125
SKBPC
SKBPC3504
400
35.0
425
40
1.2
10
500
1.5
-55~+125
SKBPC
SKBPC3506
600
35.0
425
40
1.2
10
500
1.5
-55~+125
SKBPC
Note: Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com