| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L78M05AC Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78M05AC Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 31 page ![]() L78MxxAB, L78MxxAC Maximum ratings Doc ID 2147 Rev 13 5/31 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage for VO = 5 to 18 V 35 V for VO = 20, 24 V 40 IO Output current Internally limited mA PD Power dissipation Internally limited mW TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range for L78M00AC 0 to 125 °C for L78M00AB -40 to 125 Table 3. Thermal data Symbol Parameter TO-220 DPAK Unit RthJC Thermal resistance junction-case 5 8 °C/W RthJA Thermal resistance junction-ambient 50 100 °C/W Figure 4. Application circuit |