| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EVAL-ADF7020DBZ2 Datasheet(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-ADF7020DBZ2 Datasheet(HTML) 39 Page - Analog Devices |
|
39 / 48 page ![]() Data Sheet ADF7020 Rev. D | Page 39 of 48 REGISTER 5—SYNC BYTE REGISTER PL2 0 0 1 1 PL1 0 1 0 1 SYNC BYTE LENGTH 12 BITS 16 BITS 20 BITS 24 BITS MT2 0 0 1 1 MT1 0 1 0 1 MATCHING TOLERANCE 0 ERRORS 1 ERROR 2 ERRORS 3 ERRORS SYNC BYTE SEQUENCE CONTROL BITS Figure 50. Register 5—Sync Byte Register Register 5—Sync Byte Register Comments • Sync byte detect is enabled by programming Bits R4_DB[25:23] to 010 or 011. • This register allows a 24-bit sync byte sequence to be stored internally. If the sync byte detect mode is selected, then the INT/LOCK pin goes high when the sync byte is detected in Rx mode. Once the sync word detect signal goes high, it goes low again after nine data bits. • The transmitter must transmit the MSB of the sync byte first and the LSB last to ensure proper alignment in the receiver sync byte detection hardware. • Choose a sync byte pattern that has good autocorrelation properties, for example, 0x123456. |