| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STLUX385ATR Datasheet(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLUX385ATR Datasheet(HTML) 48 Page - STMicroelectronics |
|
48 / 99 page ![]() Memory and register map STLUX385A 48/98 DocID024387 Rev 2 Table 23. SMED register map Address (offset) Block Register name Register description 0x00 SMED<n> SMD<n>_CTR Control 0x01 SMD<n>_CTR_TMR Control time 0x02 SMD<n>_CTR_INP Control input 0x03 SMD<n>_CTR_DTR Dithering 0x04 SMD<n>_TMR_T0L Time T0 LSB 0x05 SMD<n>_TMR_T0H Time T0 MSB 0x06 SMD<n>_TMR_T1L Time T1 LSB 0x07 SMD<n>_TMR_T1H Time T1 MSB 0x08 SMD<n>_TMR_T2L Time T2 LSB 0x09 SMD<n>_TMR_T2H Time T2 MSB 0x0A SMD<n>_TMR_T3L Time T3 LSB 0x0B SMD<n>_TMR_T3H Time T3 MSB 0x0C SMD<n>_PRM_ID0 IDLE state parameter0 0x0D SMD<n>_PRM_ID1 IDLE state parameter1 0x0E SMD<n>_PRM_ID2 IDLE state parameter2 0x0F SMD<n>_PRM_S00 S0 state parameter0 0x10 SMD<n>_PRM_S01 S0 state parameter1 0x11 SMD<n>_PRM_S02 S0 state parameter2 0x12 SMD<n>_PRM_S10 S1 state parameter0 0x13 SMD<n>_PRM_S11 S1 state parameter1 0x14 SMD<n>_PRM_S12 S1 state parameter2 0x15 SMD<n>_PRM_S20 S2 state parameter0 0x16 SMD<n>_PRM_S21 S2 state parameter1 0x17 SMD<n>_PRM_S22 S2 state parameter2 0x18 SMD<n>_PRM_S30 S3 state parameter0 0x19 SMD<n>_PRM_S31 S3 state parameter1 0x1A SMD<n>_PRM_S32 S3 state parameter2 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |