Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32F100C Datasheet(PDF) 27 Page - STMicroelectronics

No. de pieza STM32F100C
Descripción Electrónicos  High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100C Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32F100C Datasheet HTML 23Page - STMicroelectronics STM32F100C Datasheet HTML 24Page - STMicroelectronics STM32F100C Datasheet HTML 25Page - STMicroelectronics STM32F100C Datasheet HTML 26Page - STMicroelectronics STM32F100C Datasheet HTML 27Page - STMicroelectronics STM32F100C Datasheet HTML 28Page - STMicroelectronics STM32F100C Datasheet HTML 29Page - STMicroelectronics STM32F100C Datasheet HTML 30Page - STMicroelectronics STM32F100C Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
STM32F100xC, STM32F100xD, STM32F100xE
Pinouts and pin descriptions
Doc ID 15081 Rev 7
27/98
67 45
-
PE14
I/O FT
PE14
FSMC_D11
TIM1_CH4
68 46
-
PE15
I/O FT
PE15
FSMC_D12
TIM1_BKIN
69 47
29
PB10
I/O FT
PB10
I2C2_SCL/USART3_TX(8)
TIM2_CH3 /
HDMI_CEC
70 48
30
PB11
I/O FT
PB11
I2C2_SDA/USART3_RX(8)
TIM2_CH4
71 49
31
VSS_1
SVSS_1
72 50
32
VDD_1
SVDD_1
73 51
33
PB12
I/O FT
PB12
SPI2_NSS/
I2C2_SMBA/
USART3_CK(8)/
TIM1_BKIN(8)
TIM12_CH1
74 52
34
PB13
I/O FT
PB13
SPI2_SCK/
USART3_CTS(8)/
TIM1_CH1N
TIM12_CH2
75 53
35
PB14
I/O FT
PB14
SPI2_MISO/TIM1_CH2N
USART3_RTS(8)/
TIM15_CH1
76 54
36
PB15
I/O FT
PB15
SPI2_MOSI/
TIM1_CH3N(8)/
TIM15_CH1N
TIM15_CH2
77 55
-
PD8
I/O FT
PD8
FSMC_D13
USART3_TX
78 56
-
PD9
I/O FT
PD9
FSMC_D14
USART3_RX
79 57
-
PD10
I/O FT
PD10
FSMC_D15
USART3_CK
80 58
-
PD11
I/O FT
PD11
FSMC_A16
USART3_CTS
81 59
-
PD12
I/O FT
PD12
FSMC_A17
TIM4_CH1 /
USART3_RTS
82 60
-
PD13
I/O FT
PD13
FSMC_A18
TIM4_CH2
83
-
-
VSS_8
SVSS_8
84
-
-
VDD_8
SVDD_8
85 61
-
PD14
I/O FT
PD14
FSMC_D0
TIM4_CH3
86 62
-
PD15
I/O FT
PD15
FSMC_D1
TIM4_CH4
87
-
-
PG2
I/O FT
PG2
FSMC_A12
88
-
-
PG3
I/O FT
PG3
FSMC_A13
89
-
-
PG4
I/O FT
PG4
FSMC_A14
90
-
-
PG5
I/O FT
PG5
FSMC_A15
91
-
-
PG6
I/O FT
PG6
92
-
-
PG7
I/O FT
PG7
Table 4.
High-density STM32F100xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com