Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB2S Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

No. de pieza MB2S
Descripción Electrónicos  MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MB2S Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  MB2S Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MB2S Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
MB1S THRU MB10S
MINI SURFACE MOUNT GLASS
PASSIVATED SINGLE-PHASE
BRIDGE RECTIFIER
VOLTAGE 100 to 1000Volts 0.8 Amperes CURRENT
FEATURES
•Plastic material used carries Underwriters
Laboratory recognition 94V-O
•Low leakage
•Surge overload rating-- 30 amperes peak
•Ideal for printed circuit board
•Exceeds environmental standards of MIL-S-19500
•High temperature soldering : 260
OC / 10 seconds at terminals
•Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•Case: Reliable low cost construction utilizing molded plastic technique results in
inexpensive product
•Terminals: Lead solderable per MIL-STD-202, Method 208.
•Polarity: Polarity symbols molded or marking on body.
•Mounting Position: Any.
•Weight: 0.008 ounce, 0.22 gram.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOLS
MB1S
MB2S
MB4S
MB6S
MB8S
MB10S
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Current at TA = 40℃ TA=25℃
(Note 3)
IAV
0.8
A
Peak Forward Surge Current:8.3ms single half sine - wave
superimposed on rated load (JEDEC method )
IFSM
35
A
I2t Rating for fusing (t<8.35ms)
I2t
3.735
A2s
Maximum Forward Voltage Drop per Bridge Element at 0.8A
VF
1.0
V
Maximum DC Reverse Current TJ = 25℃
at Rate DC Blocking Voltage TJ =125℃
IR
5.0
500
μA
Typical Junction capacitance (Note 1)
CJ
25
pF
Typical thermal resistance (Note2)
RθJA
RθJL
85
20
℃/W
Operating Temperature Range
TJ, TSTG
-55 to +150
℃
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 X 0.5"(13 X 13mm) copper pads
3. * R-load on alumina subtrate Ta=25℃
.157(4.0)
.106(2.7)
.275(7.0)
.008(0.2)
.043(1.1)
.106(2.7)
.193(4.9)
.031(0.8)
.142(3.6)
.090(2.3)
MAX
.027(0.7)
.090(2.3)
.177(4.5)
.019(0.5)
+
~
~
DI
MDI Unit:inch(mm)


Número de pieza similar - MB2S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MB2S FAIRCHILD-MB2S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB2S GE-MB2S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2S MCC-MB2S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MB2S BILIN-MB2S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Descripción similar - MB2S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
B1S PANJIT-B1S_07 Datasheet
71Kb / 3P
MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
EMD1S RECTRON-EMD1S_02 Datasheet
35Kb / 3P
SINGLE-PHASE GLASS PASSIVATED MINI SUPER FAST SURFACE MOUNT BRIDGE RECTIFIER
logo
Pan Jit International I...
B1S PANJIT-B1S_10 Datasheet
75Kb / 3P
MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
B1S YEASHIN-B1S Datasheet
394Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
B1005S PANJIT-B1005S Datasheet
137Kb / 5P
MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
MB4F-10 PANJIT-MB4F-10 Datasheet
90Kb / 4P
MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
logo
Pan Jit International I...
B1005S PANJIT-B1005S_V01 Datasheet
556Kb / 5P
MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
September 30,2019-REV.02
B1S PANJIT-B1S_V01 Datasheet
218Kb / 5P
MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
November 13,2019-REV.06
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com