| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
31442 Datasheet(PDF) 27 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
31442 Datasheet(HTML) 27 Page - Tyco Electronics |
|
27 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 27 Short Spring Spade Tongue Terminals Wire Size Dimensions Material Wire Barrel I.D. Min. Part Numbers Circular Mils Stud L E C W X Thickness Solistrand Budget Solistrand Budget [mm2] Size Max. Max. Min. Max. 2 .455 .341 .206 .171 .109 .020 — .034 — 53000-1 M2 11.56 8.66 5.23 4.34 2.77 0.51 0.86 4 .499 .354 .219 .203 .140 .020 — .034 — 53001-1 12.67 8.99 5.56 5.16 3.56 0.51 0.86 26–22 5 .483 .338 .203 .250 .140 .020 — .034 — 53002-1 202–810 M3 12.27 8.59 5.16 6.35 3.56 0.51 0.86 [0.1–0.41] 6 .483 .338 .203 .250 .140 .020 — .034 — 53003-1 M3.5 12.27 8.59 5.16 6.35 3.56 0.51 0.86 8 .591 .416 .281 .375 .170 .020 — .034 — 53004-1 M4 15.01 10.57 7.14 9.53 4.32 0.51 0.86 4 .576 .431 .250 .203 .140 .033 .061 .065 53175-1* 53150-2 14.63 10.95 6.35 5.16 3.56 0.84 1.55 1.65 5 .576 .431 .250 .250 .140 .033 — .065 — 53005-1 M3 14.63 10.95 6.35 6.35 3.56 0.84 1.65 .576 .431 .250 .250 .140 .033 .061 .065 53120-1* 53006-1 6 14.63 10.95 6.35 6.35 3.56 0.84 1.55 1.65 53120-2* M3.5 .576 .431 .250 .234 .140 .033 .061 .065 53830-1* 53266-2 14.63 10.95 6.35 5.94 3.56 0.84 1.55 1.65 53830-2* 22–16 .637 .462 .281 .375 .170 .033 .061 .065 53121-1* 53007-1 509–3,260 8 16.18 11.73 7.14 9.53 4.32 0.84 1.55 1.65 [0.26–1.65] M4 .637 .462 .281 .244 .170 .033 .061 .065 53831-1* 53267-2 16.18 11.73 7.14 6.20 4.32 0.84 1.55 1.65 53831-2* 10 .685 .462 .281 .294 .218 .033 .061 .065 53832-1* 53268-2 17.40 11.73 7.14 7.47 5.54 0.84 1.55 1.65 53832-2* 1/4-28 UNF .810 .524 .343 .625 .281 .033 — .065 — 53235-2 M6 20.57 13.31 8.71 15.88 7.14 0.84 1.65 Note: Part numbers are shown as loose piece over tape mounted product. *Part numbers are available in small quantity packages. Wire Size Range AWG 26 to 16, CMA 202 to 3,260 [0.1 to 1.65 mm2] Material Terminal Body — Phosphor Bronze per ASTM B-103 Plating — Tin per MIL-T-10727 |