Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BAS19 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BAS19
Descripción Electrónicos  General purpose diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS19 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS19_13 Datasheet HTML 1Page - NXP Semiconductors BAS19_13 Datasheet HTML 2Page - NXP Semiconductors BAS19_13 Datasheet HTML 3Page - NXP Semiconductors BAS19_13 Datasheet HTML 4Page - NXP Semiconductors BAS19_13 Datasheet HTML 5Page - NXP Semiconductors BAS19_13 Datasheet HTML 6Page - NXP Semiconductors BAS19_13 Datasheet HTML 7Page - NXP Semiconductors BAS19_13 Datasheet HTML 8Page - NXP Semiconductors BAS19_13 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2003 Mar 20
3
NXP Semiconductors
Product data sheet
General purpose diodes
BAS19; BAS20; BAS21
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BAS19
120
V
BAS20
200
V
BAS21
250
V
VR
continuous reverse voltage
BAS19
100
V
BAS20
150
V
BAS21
200
V
IF
continuous forward current
see Fig.2; note 1
200
mA
IFRM
repetitive peak forward current
625
mA
IFSM
non-repetitive peak forward current
square wave; Tj = 25 °C prior to
surge; see Fig.4
t = 1
µs
9
A
t = 100
µs
3
A
t = 10 ms
1.7
A
Ptot
total power dissipation
Tamb = 25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com