| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RTB44005F Datasheet(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
RTB44005F Datasheet(HTML) 1 Page - Tyco Electronics |
|
1 / 2 page ![]() 446 P&B Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Catalog 1308242 Issued 3-03 (pdf revised 1-06) Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. RT series (DC Coil) 16 Amp PC Board Miniature Relay File E22575 File LR15734 NR 6106 Users should thoroughly review the technical data before selecting a product part number. It is recommended that users also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. Features • SPST through DPDT contact arrangements. • Immersion cleanable and flux tight versions available. • VDE 10mm spacing, 5kV dielectric, coil to contacts. • UL Class F (155°C) coil insulation system. • Conforms to UL 508, 1873, 353 and 1950. • Low profile; 15.7mm height. • Sensitive coil; 400mW. • Withstand surge voltage of 10,000V. • Potter & Brumfield or Schrack brand. Contact Data Arrangements: 1 Form A (SPST-NO) Wiring Diagram Code 1, 2,3. 2 Form A (DPST-NO) Wiring Diagram Code 5. 1 Form C (SPDT) Wiring Diagram Code 1, 2, 3. 2 Form C (DPDT) Wiring Diagram Code 5. Material: Silver-nickel 90/10. Minimum Load: 12V/100mA. Expected Mechanical Life: 10 million operations. Initial Contact Resistance: 100 milliohms max @ 1A 12VDC. Designed to meet UL/CSA/VDE ratings @ 25°C with relay properly vented. Remove vent nib after soldering and cleaning. Ratings @ 25°C Initial Dielectric Strength Between Open Contacts: >1,000VAC (1 minute). Between Poles (code 5): >2,500VAC (1 minute). Between Coil and Contacts: >5,000VAC (1 minute). Surge Voltage (DC): >10,000VAC x (1.2 x 50 µsec). Coil Data @ 25°C Voltage: 5 to 110VDC. Nominal Power @ 25°C: 400mW. Duty Cycle: Continuous. Initial Insulation Resistance: 10,000 megohms, min., at 25°C, 500VDC and 50% rel. humidity. Coil Construction: UL Class F (155°C). Operate Data @ 25°C Must Operate Voltage(DC): 70% of nominal. Must Release Voltage(DC): 10% of nominal. Operate Time (Excluding Bounce): 7 ms, typ., 15ms max. at nom. voltage. Release Time (Excluding Bounce): 3 ms, typ., 6ms max. at nom. voltage. Environmental Data Temperature Range: Storage: -40°C to +105°C. Operating: -40°C to +85°C at rated current. Vibration, Operational N.O.:0.065”(1.65mm) max. excursions from 10 - 55 Hz: N.C.:0.032”(0.82mm) max. excursions from 10 - 55 Hz: with no contact opening >10µs. Mechanical Data Termination: Printed circuit terminals. Enclosures: RT 1, 2, 3, 4: Flux-tight, top vented, plastic case. RT B, C, D, E: Immersion cleanable, plastic case. Weight: 0.35 oz. (10g) approximately. DC Must Nominal Nominal Resistance Operate Coil Voltage in Ohms Voltage Current VDC ±10% VDC (mA) – 50/60Hz. 005 62 3.5 80 006 90 4.2 66.7 009 202 6.3 44.4 012 360 8.4 33.3 018 810 12.6 22.2 024 1,440 16.8 16.7 048 5,760 33.6 8.3 060 9,000 42.0 8.0 110 30,250 77.0 4.3 Coil Data @ 25°C Max. Ambient Temp. vs. Coil Voltage 60 100 140 180 220 260 300 0 20 40 60 80 100 0 A A B Max. Allowable Ambient Temp. (°C) 8 A 16A 12A A: Coil temperature = Ambient temperature. B: 110% of nominal coil voltage at rated contact load. * Form A only ** Form B only Code NO/NC Load Type Operations 1 10A/10A @ 277VAC Resistive/GP 100K 10A/10A @ 30VDC Resistive 100K 12A/12A @ 250VAC Resistive/GP 30K 12A/12A @ 30VDC Resistive 30K 3/4 HP @ 480VAC* Motor 6K 1/2 HP @ 240VAC* Motor 6K 1/3 HP @ 120VAC* Motor 6K 48 LRA/10 FLA @ 240VAC* Motor 30K TV-3 @ 120VAC* Tungsten 25K A300, 720VA @ 240VAC* Pilot Duty 30K 3 16A/16A @ 250VAC Resistive/GP 50K 20A/20A @ 277VAC Resistive/GP 30K 20A/20A @ 24VDC Resistive 30K 16A/16A @ 30VDC Resistive 30K 1 HP @ 480VAC* Motor 6K 1 HP @ 240VAC* Motor 6K 1/2 HP @ 120VAC* Motor 6K 60 LRA/10 FLA @ 250VAC* Motor 30K TV-5 @ 120VAC* Tungsten 25K A300, 720VA @ 240VAC* Pilot Duty 30K B300, 360VA @ 240VAC** Pilot Duty 30K 5 8A/8A @ 277VAC Resistive/GP 100K 8A/8A @ 30VDC Resistive 100K 10A/10A @ 250VAC Resistive/GP 30K 10A/10A @ 30VDC Resistive 30K 1/2 HP @ 240VAC* Motor 6K 1/4 HP @ 120VAC* Motor 6K 34.8 LRA/6 FLA @ 120VAC* Motor 30K 17.4 LRA/5 FLA @ 240VAC* Motor 30K B300, 360VA @ 240VAC* Pilot Duty 30K TV-3 @120VAC* Tungsten 25K |
Número de pieza similar - RTB44005F |
|
Descripción similar - RTB44005F |