| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EETUQ1C393D Datasheet(PDF) 5 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EETUQ1C393D Datasheet(HTML) 5 Page - Panasonic Semiconductor |
|
5 / 6 page ![]() TS-UQ Standard Ratings (continued) Cap. (µF) 120Hz 10kHz~ 120Hz 20kHz 270 22 x 25 1.31 1.83 0.737 0.332 A (No suffix) J 330 22 x 30 1.75 2.45 0.603 0.271 A (No suffix) J 390 22 x 30 1.91 2.67 0.510 0.230 A (No suffix) J 25 x 25 1.91 2.67 0.510 0.230 A (No suffix) J 470 22 x 35 2.11 2.95 0.423 0.190 A (No suffix) J 25 x 30 2.11 2.95 0.423 0.190 A (No suffix) J 560 22 x 40 2.25 3.15 0.355 0.160 A (No suffix) J 25 x 30 2.25 3.15 0.355 0.160 A (No suffix) J 30 x 25 2.25 3.15 0.355 0.160 A (No suffix) J 680 22 x 45 2.50 3.50 0.293 0.132 A (No suffix) J 25 x 35 2.50 3.50 0.293 0.132 A (No suffix) J 30 x 25 2.30 3.22 0.293 0.132 FU C 30 x 30 2.50 3.50 0.293 0.132 A (No suffix) J 820 22 x 50 2.77 3.88 0.243 0.109 A (No suffix) J 25 x 40 2.77 3.88 0.243 0.109 A (No suffix) J 30 x 30 2.77 3.88 0.243 0.109 A (No suffix) J 35 x 25 2.77 3.88 0.243 0.121 A (No suffix) J 1000 25 x 45 3.32 4.65 0.199 0.090 A (No suffix) J 30 x 35 3.32 4.65 0.199 0.090 A (No suffix) J 35 x 30 3.32 4.65 0.199 0.090 A (No suffix) J 1200 30 x 40 3.53 4.94 0.166 0.075 A (No suffix) J 35 x 35 3.53 4.94 0.166 0.083 A (No suffix) J 1500 30 x 50 4.04 5.66 0.133 0.066 A (No suffix) J 35 x 40 4.04 5.66 0.133 0.066 A (No suffix) J 1800 35 x 45 4.55 6.37 0.111 0.055 A (No suffix) J 2200 35 x 50 4.75 6.65 0.098 0.049 A (No suffix) J 150 22 x 25 1.12 1.57 1.326 0.663 A (No suffix) J 180 22 x 30 1.22 1.71 1.105 0.553 A (No suffix) J 220 22 x 35 1.44 2.02 0.904 0.452 A (No suffix) J 270 22 x 40 1.66 2.32 0.737 0.368 A (No suffix) J 25 x 30 1.66 2.32 0.737 0.368 A (No suffix) J 330 22 x 45 1.88 2.63 0.603 0.301 A (No suffix) J 25 x 35 1.88 2.63 0.603 0.301 A (No suffix) J 390 22 x 50 2.06 2.88 0.510 0.255 A (No suffix) J 25 x 40 2.06 2.88 0.510 0.255 A (No suffix) J 30 x 30 2.06 2.88 0.510 0.255 A (No suffix) J 35 x 25 2.06 2.88 0.510 0.255 A (No suffix) J 470 25 x 45 2.40 3.36 0.423 0.212 A (No suffix) J 30 x 35 2.40 3.36 0.423 0.212 A (No suffix) J 35 x 30 2.40 3.36 0.423 0.233 A (No suffix) J 560 25 x 50 2.60 3.64 0.355 0.178 A (No suffix) J 30 x 40 2.60 3.64 0.355 0.178 A (No suffix) J 35 x 30 2.60 3.64 0.355 0.195 A (No suffix) J 680 30 x 45 2.96 4.14 0.293 0.146 A (No suffix) J 35 x 35 2.96 4.14 0.293 0.146 A (No suffix) J 820 30 x 50 3.25 4.55 0.243 0.121 A (No suffix) J 35 x 45 3.25 4.55 0.243 0.121 A (No suffix) J 1000 35 x 50 3.54 4.96 0.199 0.109 A (No suffix) J 120 22 x 25 1.02 1.43 1.658 0.829 A (No suffix) J 150 22 x 30 1.16 1.62 1.326 0.663 A (No suffix) J 180 22 x 30 1.30 1.82 1.105 0.553 FU C 22 x 35 1.44 2.02 1.105 0.553 A (No suffix) J 220 22 x 35 1.40 1.96 0.904 0.452 FU C 22 x 40 1.49 2.09 0.904 0.452 A (No suffix) J 25 x 30 1.49 2.09 0.904 0.452 A (No suffix) J 270 22 x 45 1.67 2.34 0.737 0.368 A (No suffix) J 25 x 35 1.67 2.34 0.737 0.368 A (No suffix) J 30 x 30 1.67 2.34 0.737 0.368 A (No suffix) J 330 22 x 50 1.90 2.66 0.603 0.301 A (No suffix) J 25 x 40 1.90 2.66 0.603 0.301 A (No suffix) J EETUQ2G331B_ EETUQ2G331C_ EETUQ2G271C_ EETUQ2G271D_ 400 VDC Working, 450 VDC Surge EETUQ2G121B_ EETUQ2G151B_ EETUQ2G181B_ EETUQ2G181B_ EETUQ2G221B_ EETUQ2G221B_ EETUQ2G221C_ EETUQ2G271B_ EETUQ2V681D_ EETUQ2V681E_ EETUQ2V821E_ EETUQ2V821D_ EETUQ2V471D_ EETUQ2V471E_ EETUQ2V561D_ EETUQ2V561E_ EETUQ2V391C_ EETUQ2V391D_ EETUQ2V391E_ EETUQ2V471C_ EETUQ2V151B_ EETUQ2V181B_ EETUQ2V221B_ EETUQ2V102E_ EETUQ2V561C_ EETUQ2V271B_ EETUQ2V271C_ EETUQ2V331B_ EETUQ2V331C_ EETUQ2V391B_ EETUQ2E102E_ EETUQ2E122E_ EETUQ2E222E_ 350 VDC Working, 400 VDC Surge EETUQ2E821B_ EETUQ2E182E_ EETUQ2E152E_ EETUQ2E821C_ EETUQ2E821D_ EETUQ2E821E_ EETUQ2E102C_ EETUQ2E102D_ EETUQ2E152D_ EETUQ2E122D_ EETUQ2E391C_ EETUQ2E471B_ EETUQ2E471C_ EETUQ2E681D_ 250 VDC Working, 300 VDC Surge EETUQ2E681D_ EETUQ2E681C_ EETUQ2E271B_ EETUQ2E331B_ EETUQ2E391B_ EETUQ2E681B_ EETUQ2E561D_ EETUQ2E561C_ EETUQ2E561B_ Part Number Suffix Sleeving Options Size (mm) Max 85°C R.C. (Arms) 20°C ESR (Ω, max.) Panasonic PVC with Top Plate PVC without Top Plate PET without Top Plate D x L Part Number Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. Large Can Aluminum Electrolytic Capacitors |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |