| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD977BN Datasheet(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD977BN Datasheet(HTML) 21 Page - Analog Devices |
|
21 / 24 page ![]() AD977/AD977A –21– REV. D DC CODE UNCERTAINTY Ideally, a fixed dc input should result in the same output code for repetitive conversions; however, as a consequence of unavoid- able circuit noise within the wideband circuits of the ADC, a range of output codes may occur for a given input voltage. Thus, when a dc signal is applied to the AD977/AD977A input and 10,000 conversions are recorded, the result will be a distri- bution of codes as shown in Figure 26. This histogram shows a bell shaped curve consistent with the Gaussian nature of thermal noise. The histogram is approximately seven codes wide. The standard deviation of this Gaussian distribution results in a code transition noise of 1 LSB rms. 4000 3500 0 –3 2000 1500 1000 500 3000 2500 –2 –10 1 2 3 4 Figure 26. Histogram of 10,000 Conversions of a DC Input USE OF THE TAG INPUT The AD977/AD977A provides a TAG input pin for cascading multiple converters together. This feature is useful for reducing component count in systems where an isolation barrier must be crossed and is also useful for systems with a limited capacity for interfacing to a large number of converters. The tag feature only works in the external clock mode and requires that the DATA output of a “upstream” device be con- nected to the TAG input of an “downstream” device. An example of the concatenation of two devices is shown in Figure 27 and their resultant output is shown in Figure 28. In Figure 27, the paralleled R/ C ensures that each AD977/ AD977A will simultaneously sample their inputs. In Figure 28, a “null” bit is shown between each 16-bit word associated with each ADC in the serial data output stream. This is the result of a minimum value for “External Data Clock to Data Valid Delay” (t18) that is greater than the “TAG Valid Setup Time” (t23). In other words, when you concatenate two or more AD977/AD977As the MSB on the downstream device will not be present on the TAG input of the upstream device in time to meet the setup time requirement of the TAG input. If the serial data stream is going to a parallel port of a micro- processor that is also providing the serial data clock, then the microprocessor’s firmware can be written to “throw away” the null bit. If the serial data stream is going to a serial port then external “glue” logic will have to be added to make the interface work. If the serial port has a “sync” input then this can be used to throw away the null bit if the sync input is toggled each time the null bit appears. If the application does not require simultaneous sampling, the null bit can be completely avoided by delaying the R/ C signal of each upstream device by one clock cycle with respect to its immediate downstream device. This bit time delay can be accom- plished through a D-type flip-flop that delays the R/ C signal at its D-input by one cycle of the serial data clock that is at its clock input. DATA OUT DCLK IN R/ IN IN TAG DATA DCLK AD977/AD977A #2 (UPSTREAM) AD977/AD977A #1 (DOWNSTREAM) TAG DATA DCLK CS R/C CS R/C Figure 27. Two AD977/AD977A’s Utilizing Tag It is not recommended that the TAG feature be used with the read during convert mode because this will require data to be clocked out during the second half of the conversion process. It is recommended that the read after convert mode be used in an application that wants to take advantage of the TAG feature. To improve the data throughput a combination of the two data read methods can be used and is described as follows. If two or more AD977/AD977As are to have their data output concatenated together in a single data stream, and if data throughput is to be maximized, a system could be designed such that the upstream device data is read during the first half of its conversion process and the remainder of the downstream devices read during the time between conversions. Assume three AD977As are to have their data concatenated. Assume the further most downstream device is referred to as device #1 and the further most upstream device as #3. Each device is driven from a com- mon DATACLK and R/ C control signal, the CS input of each device is tied to ground. The three BUSY outputs should be OR’d together to form a composite BUSY. After the conversion is complete, as indicated by the composite BUSY going high, an external, normally low, 15.15 MHz DATACLK can be toggled 34 times to first read the data first from device #3 and then from device #2. When the composite BUSY goes low to indicate the beginning of the conversion process the external DATA- CLK can be toggled 17 times to read the data from device #1 during the first half of the conversion process. Using this tech- nique it would be possible to read in the data from the three devices in approximately 6.4 µs for a throughput of approxi- mately 156 kHz The receiving device would have to deal with the null bit between data from device #2 and #3. The receiving device would also have to be capable of starting and stopping the external DATACLK at the appropriate times. The TAG input, when unused, should always be tied either high or low and not be allowed to float. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |