Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L78M05AC Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza L78M05AC
Descripción Electrónicos  Precision 500 mA regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M05AC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L78M05AC Datasheet HTML 16Page - STMicroelectronics L78M05AC Datasheet HTML 17Page - STMicroelectronics L78M05AC Datasheet HTML 18Page - STMicroelectronics L78M05AC Datasheet HTML 19Page - STMicroelectronics L78M05AC Datasheet HTML 20Page - STMicroelectronics L78M05AC Datasheet HTML 21Page - STMicroelectronics L78M05AC Datasheet HTML 22Page - STMicroelectronics L78M05AC Datasheet HTML 23Page - STMicroelectronics L78M05AC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Package mechanical data
L78MxxAB, L78MxxAC
20/31
Doc ID 2147 Rev 13
Figure 21.
TO-220 (type STD-ST Dual Gauge) package dimensions
Note:
1
Maximum resin gate protrusion: 0.5 mm.
2
Resin gate position is accepted in each of the two positions shown on the drawing, or their
symmetrical.
0015988_S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com