Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EEEHC0J331P Datasheet(PDF) 1 Page - Panasonic Semiconductor

No. de pieza EEEHC0J331P
Descripción Electrónicos  Aluminum Electrolytic Capacitors HC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHC0J331P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEHC0J331P Datasheet HTML 1Page - Panasonic Semiconductor EEEHC0J331P Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
– EEE-27 –
A
±0.2
W
() Reference size
L
+
–
0.3 max.
Pressure Relief (
φ10 and larger)
22
HC
j
Capacitance (
µF)
Rated voltage Mark
Series identification
Lot number
Negative polarity
marking (–)
Mark for Lead-Free
Products Black Dot
(Square)
■ Features
● Life time: 3000 h to 5000 h at 105 °C
● Vibration-proof product is available upon request. (φ8 mm and larger)
● RoHS directive compliant
Surface Mount Type
Series:
HC Type: V
■ Specifications
Category Temp. Range
–40 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 50 V.DC
Nominal Cap. Range
0.1 µF to 1000 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater)
tan
δ
Please see the attached standard products list
Endurance
After applying rated working voltage for +105 °C±2 °C and then being stabilized at +20 °C, Capacitors shall
meet the following limits.
φ4 to φ6.3 (3000 hours After applying rated working voltage)
φ8 to φ10 (5000 hours After applying rated working voltage)
Capacitance change
±30 % of initially measured value
tan
δ
< 300 % of initially specified values
DC leakage current
< initially specified values
Shelf life
After storage for 1000 hours at +105 °C ±2 °C with no voltage applied and then being stabilized at
+20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
Soldering Heat
Capacitance change
±10 % of initially measured values
tan
δ
< initially specified values
DC leakage current
< initially specified values
HB
HC
Long life
■ Dimensions in mm (not to scale)
■ Marking
Example:6.3 V 22 µF
Marking color : BLACK
Size
code
DL
A, B
H
I
W
P
K
B
4.0
5.8±0.3
4.3
5.5 max.
1.8
0.65±0.1
1.0
0.35 - 0.20
C
5.0
5.8±0.3
5.3
6.5 max.
2.2
0.65±0.1
1.5
0.35 - 0.20
D
6.3
5.8±0.3
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 - 0.20
D8
6.3
7.7±0.3
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 - 0.20
F
8.0
10.2±0.3
8.3
10.0 max.
3.4
0.90±0.2
3.1
0.70±0.2
G
10.0
10.2±0.3
10.3
12.0 max.
3.5
0.90±0.2
4.6
0.70±0.2
+ 0.15
+ 0.15
+ 0.15
+ 0.15
Frequency (Hz)
50, 60
120
1 k
10 k to
Correction factor
0.70
1.00
1.30
1.70
■ Frequency correction factor for ripple current
j
6.3 V
A
10 V
C
16 V
Rated Voltage Mark
E
25 V
V
35 V
H
50 V
(Unit : mm)
00 Nov. 2012


Número de pieza similar - EEEHC0J331P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
EEEHC0J331P PANASONIC-EEEHC0J331P Datasheet
61Kb / 2P
Aluminum Electrolytic Capacitors/ HC
EEEHC0J331P PANASONIC-EEEHC0J331P Datasheet
109Kb / 3P
Aluminum Electrolytic Capacitors/ HC
EEEHC0J331P PANASONIC-EEEHC0J331P Datasheet
61Kb / 2P
Aluminum Electrolytic Capacitors/ HC
EEEHC0J331P PANASONIC-EEEHC0J331P Datasheet
60Kb / 2P
Aluminum Electrolytic Capacitors
More results

Descripción similar - EEEHC0J331P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
logo
Panasonic Semiconductor
EEE-HC0J470R PANASONIC-EEE-HC0J470R Datasheet
61Kb / 2P
Aluminum Electrolytic Capacitors/ HC
EEE-HC1V221P PANASONIC-EEE-HC1V221P Datasheet
109Kb / 3P
Aluminum Electrolytic Capacitors/ HC
EEE-HC1C100R PANASONIC-EEE-HC1C100R Datasheet
61Kb / 2P
Aluminum Electrolytic Capacitors/ HC
EET-HC2E182LF PANASONIC-EET-HC2E182LF Datasheet
180Kb / 13P
Aluminum Electrolytic Capacitors/ HC
EET-HC2V102LF PANASONIC-EET-HC2V102LF Datasheet
656Kb / 13P
Alumincum Electrolytic Capacitors/HC
EET-HC2C182JA PANASONIC-EET-HC2C182JA Datasheet
656Kb / 13P
Aluminum Electrolytic Capacitors/ HC
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com