Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLL2_C0 Datasheet(PDF) 116 Page - Altera Corporation

No. de pieza PLL2_C0
Descripción Electrónicos  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 116 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 112Page - Altera Corporation PLL2_C0 Datasheet HTML 113Page - Altera Corporation PLL2_C0 Datasheet HTML 114Page - Altera Corporation PLL2_C0 Datasheet HTML 115Page - Altera Corporation PLL2_C0 Datasheet HTML 116Page - Altera Corporation PLL2_C0 Datasheet HTML 117Page - Altera Corporation PLL2_C0 Datasheet HTML 118Page - Altera Corporation PLL2_C0 Datasheet HTML 119Page - Altera Corporation PLL2_C0 Datasheet HTML 120Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 274 page
background image
6–18
Chapter 6: I/O Features in the Cyclone III Device Family
I/O Banks
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
1 When VREF pins are used as regular I/Os, they have higher pin capacitance than
regular user I/O pins. This has an impact on the timing if the pins are used as inputs
and outputs.
f For more information about VREF pin capacitance, refer to the pin capacitance section
in the Cyclone III Device Data Sheet and Cyclone III LS Device Data Sheet chapters.
f For more information about how to identify VREF groups, refer to the Cyclone III
Device Family Pin-Out
files or the Quartus II Pin Planner tool.
Table 6–6 lists the number of VREF pins in each I/O bank for Cyclone III and
Cyclone III LS devices.
Table 6–6. Number of VREF Pins Per I/O Banks for Cyclone III and Cyclone III LS Devices
(Part 1 of 2)
Family
Device
Package
Pin Count
I/O Banks
12
345
678
EP3C5
EQFP
144
11
111
111
MBGA
164
11
111
111
FBGA
256
11
111
111
EP3C10
EQFP
144
11
111
111
MBGA
164
11
111
111
FBGA
256
11
111
111
EP3C16
EQFP
144
22
222
222
MBGA
164
22
222
222
PQFP
240
22
222
222
FBGA
256
22
222
222
FBGA
484
22
222
222
EP3C25
EQFP
144
11
111
111
PQFP
240
11
111
111
FBGA
256
11
111
111
FBGA
324
11
111
111
EP3C40
PQFP
240
44
444
444
FBGA
324
44
444
444
FBGA
484
44
444
444
FBGA
780
44
444
444
EP3C55
FBGA
484
22
222
222
FBGA
780
22
222
222
EP3C80
FBGA
484
33
333
333
FBGA
780
33
333
333
EP3C120
FBGA
484
33
333
333
FBGA
780
33
333
333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More