| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PLL2_C0 Datasheet(PDF) 27 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C0 Datasheet(HTML) 27 Page - Altera Corporation |
|
27 / 274 page ![]() CIII51002-2.3 © 2011 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying on any published information and before placing orders for products or services. Cyclone III Device Handbook Volume 1 December 2011 Subscribe ISO 9001:2008 Registered 2. Logic Elements and Logic Array Blocks in the Cyclone III Device Family This chapter contains feature definitions for logic elements (LEs) and logic array blocks (LABs). Details are provided on how LEs work, how LABs contain groups of LEs, and how LABs interface with the other blocks in the Cyclone® III device family (Cyclone III and Cyclone III LS devices). Logic Elements Logic elements (LEs) are the smallest units of logic in the Cyclone III device family architecture. LEs are compact and provide advanced features with efficient logic usage. Each LE has the following features: ■ A four-input look-up table (LUT), which can implement any function of four variables ■ A programmable register ■ A carry chain connection ■ A register chain connection ■ The ability to drive the following interconnects: ■ Local ■ Row ■ Column ■ Register chain ■ Direct link ■ Register packing support ■ Register feedback support December 2011 CIII51002-2.3 |