| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PLL2_C0 Datasheet(PDF) 156 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C0 Datasheet(HTML) 156 Page - Altera Corporation |
|
156 / 274 page ![]() 8–14 Chapter 8: External Memory Interfaces in the Cyclone III Device Family Document Revision History Cyclone III Device Handbook July 2012 Altera Corporation Volume 1 1 The PLL is instantiated in the ALTMEMPHY megafunction. All outputs of the PLL are used when the ALTMEMPHY megafunction is instantiated to interface with external memories. f For more information about the usage of PLL outputs by the ALTMEMPHY megafunction, refer to the External Memory Interfaces page. f For more information about Cyclone III device family PLL, refer to the Clock Networks and PLLs in the Cyclone III Device Family chapter. Document Revision History Table 8–3 lists the revision history for this document. Table 8–3. Document Revision History Date Version Changes July 2012 3.1 Finalized Table 8–2. December 2011 3.0 ■ Updated “Data and Data Clock/Strobe Pins” on page 8–2 and “Memory Clock Pins” on page 8–10. ■ Updated hyperlinks. ■ Minor text edits. January 2010 2.3 ■ Removed Tables 8-1, 8-2, 8-3, and 8-4. ■ Changed links to reference Literature: External Memory Interfaces. December 2009 2.2 Minor changes to the text. July 2009 2.1 Made minor correction to the part number. June 2009 2.0 ■ Updated chapter part number. ■ Updated “Introduction” on page 8–1. ■ Updated Table 8–1 on page 8–1, Table 8–2 on page 8–2, Table 8–3 on page 8–3, Table 8–4 on page 8–4, and Table 8–5 on page 8–7. Updated notes to Table 8–6 on page 8–10. Updated “Data and Data Clock/Strobe Pins” on page 8–5. ■ Updated note to Figure 8–2 on page 8–12. ■ Updated “Optional Parity, DM, and Error Correction Coding Pins” on page 8–13. ■ Updated “Address and Control/Command Pins” on page 8–14. October 2008 1.3 ■ Updated “Introduction”, “DDR Input Registers” and “Conclusion” sections. ■ Updated chapter to new template. May 2008 1.2 ■ Added (Note 4) to Figure 8–3. ■ Updated Table 8–3 and Table 8-5. Added new Table 8–4. ■ Updated (Note 1) to Figure 8-4. Updated Figure 8–5 and 8–14. July 2007 1.1 ■ Updated “Data and Data Clock/Strobe Pins” section. ■ Updated Table 8–5. ■ Added chapter TOC and “Referenced Documents” section. March 2007 1.0 Initial release. |