Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLL2_C1 Datasheet(PDF) 53 Page - Altera Corporation

No. de pieza PLL2_C1
Descripción Electrónicos  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 53 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 49Page - Altera Corporation PLL2_C1 Datasheet HTML 50Page - Altera Corporation PLL2_C1 Datasheet HTML 51Page - Altera Corporation PLL2_C1 Datasheet HTML 52Page - Altera Corporation PLL2_C1 Datasheet HTML 53Page - Altera Corporation PLL2_C1 Datasheet HTML 54Page - Altera Corporation PLL2_C1 Datasheet HTML 55Page - Altera Corporation PLL2_C1 Datasheet HTML 56Page - Altera Corporation PLL2_C1 Datasheet HTML 57Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 274 page
background image
CIII51005-2.3
© 2011 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone III Device Handbook
Volume 1
December 2011
Subscribe
ISO
9001:2008
Registered
4. Embedded Multipliers in the
Cyclone III Device Family
The Cyclone® III device family (Cyclone III and Cyclone III LS devices) includes a
combination of on-chip resources and external interfaces that help to increase
performance, reduce system cost, and lower the power consumption of digital signal
processing (DSP) systems. The Cyclone III device family, either alone or as DSP device
co-processors, are used to improve price-to-performance ratios of DSP systems.
Particular focus is placed on optimizing Cyclone III and Cyclone III LS devices for
applications that benefit from an abundance of parallel processing resources, which
include video and image processing, intermediate frequency (IF) modems used in
wireless communications systems, and multi-channel communications and video
systems.
This chapter contains the following sections:
■
“Embedded Multiplier Block Overview” on page 4–2
■
“Architecture” on page 4–3
■
“Operational Modes” on page 4–5
December 2011
CIII51005-2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More