Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLL2_C3 Datasheet(PDF) 259 Page - Altera Corporation

No. de pieza PLL2_C3
Descripción Electrónicos  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 259 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 255Page - Altera Corporation PLL2_C3 Datasheet HTML 256Page - Altera Corporation PLL2_C3 Datasheet HTML 257Page - Altera Corporation PLL2_C3 Datasheet HTML 258Page - Altera Corporation PLL2_C3 Datasheet HTML 259Page - Altera Corporation PLL2_C3 Datasheet HTML 260Page - Altera Corporation PLL2_C3 Datasheet HTML 261Page - Altera Corporation PLL2_C3 Datasheet HTML 262Page - Altera Corporation PLL2_C3 Datasheet HTML 263Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 274 page
background image
Chapter 11: SEU Mitigation in the Cyclone III Device Family
11–7
Software Support
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Software Support
Enabling the CRC error detection feature in the Quartus II software generates the
CRC
_ERROR output to the optional dual purpose CRC_ERROR pin.
To enable the error detection feature using CRC, perform the following steps:
1. Open the Quartus II software and load a project using Cyclone III device family.
2. On the Assignments menu, click Settings. The Settings dialog box appears.
3. In the Category list, select Device. The Device page appears.
4. Click Device and Pin Options, as shown in Figure 11–2.
5. In the Device and Pin Options dialog box, click the Error Detection CRC tab.
6. Turn on Enable error detection CRC.
7. In the Divide error check frequency by box, enter a valid divisor as documented
in Table 11–5 on page 11–6.
1 The divisor value divides down the frequency of the configuration
oscillator output clock. This output clock is used as the clock source for the
error detection process.
8. Click OK.
Figure 11–2. Enabling the Error Detection CRC Feature in the Quartus II Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More