Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLL2_C3 Datasheet(PDF) 27 Page - Altera Corporation

No. de pieza PLL2_C3
Descripción Electrónicos  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 27 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 23Page - Altera Corporation PLL2_C3 Datasheet HTML 24Page - Altera Corporation PLL2_C3 Datasheet HTML 25Page - Altera Corporation PLL2_C3 Datasheet HTML 26Page - Altera Corporation PLL2_C3 Datasheet HTML 27Page - Altera Corporation PLL2_C3 Datasheet HTML 28Page - Altera Corporation PLL2_C3 Datasheet HTML 29Page - Altera Corporation PLL2_C3 Datasheet HTML 30Page - Altera Corporation PLL2_C3 Datasheet HTML 31Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 274 page
background image
CIII51002-2.3
© 2011 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone III Device Handbook
Volume 1
December 2011
Subscribe
ISO
9001:2008
Registered
2. Logic Elements and Logic Array Blocks
in the Cyclone III Device Family
This chapter contains feature definitions for logic elements (LEs) and logic array
blocks (LABs). Details are provided on how LEs work, how LABs contain groups of
LEs, and how LABs interface with the other blocks in the Cyclone® III device family
(Cyclone III and Cyclone III LS devices).
Logic Elements
Logic elements (LEs) are the smallest units of logic in the Cyclone III device family
architecture. LEs are compact and provide advanced features with efficient logic
usage. Each LE has the following features:
■
A four-input look-up table (LUT), which can implement any function of four
variables
■
A programmable register
■
A carry chain connection
■
A register chain connection
■
The ability to drive the following interconnects:
■
Local
■
Row
■
Column
■
Register chain
■
Direct link
■
Register packing support
■
Register feedback support
December 2011
CIII51002-2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More