| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ASTMB545 Datasheet(PDF) 29 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
ASTMB545 Datasheet(HTML) 29 Page - ITT Industries |
|
29 / 41 page ![]() MIL-DTL-24308G APPENDIX A w/AMENDMENT 2 29 INSERT ARRANGEMENTS, ELECTRICAL CONNECTOR, SHELL SIZES 1 THROUGH 6 A.1 SCOPE A.1.1 Scope. This appendix covers insert arrangements for use with MIL-DTL-24308 rectangular nonenvironmental, polarized shell, miniature, rack and panel connectors. This Appendix is a mandatory part of the specification. The information contained herein is intended for compliance. A.2 APPLICABLE DOCUMENTS (This section not applicable to this appendix.) A.3 GENERAL REQUIREMENTS (This section not applicable to this appendix) A.4 DETAIL REQUIREMENTS A.4.1 Insert arrangements. See table A-I below and figures A-1 through A-6. TABLE A-I. Insert arrangements. Figure number Arrangement number Shell size Contacts Superseded MS Number No. 22D No. 20 A-1 1 1 - 9 MS18273-1 2 15 - MS18273-2 A-2 1 2 - 15 MS18274-1 2 26 - MS18274-2 A-3 1 3 - 25 MS18275-1 2 44 - MS18275-2 A-4 1 4 - 37 MS18276-1 2 62 - MS18276-2 A-5 1 5 - 50 MS18277-1 2 78 - MS18277-2 A-6 1 6 104 - MS14004-1 |