Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ASTMB633 Datasheet(PDF) 39 Page - ITT Industries

No. de pieza ASTMB633
Descripción Electrónicos  CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB633 Datasheet(HTML) 39 Page - ITT Industries

Back Button ASTMB633 Datasheet HTML 33Page - ITT Industries ASTMB633 Datasheet HTML 34Page - ITT Industries ASTMB633 Datasheet HTML 35Page - ITT Industries ASTMB633 Datasheet HTML 36Page - ITT Industries ASTMB633 Datasheet HTML 37Page - ITT Industries ASTMB633 Datasheet HTML 38Page - ITT Industries ASTMB633 Datasheet HTML 39Page - ITT Industries ASTMB633 Datasheet HTML 40Page - ITT Industries ASTMB633 Datasheet HTML 41Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
MIL-DTL-24308G
APPENDIX B
w/AMENDMENT 2
39
CONTACT PIN AND SOCKET
CLASSES G, N, AND H SOLDERTYPE,
NON-REMOVABLE
B.1 SCOPE
B1.1 Scope. This appendix covers contacts, pin and socket, classes G, N and H solder type, non-removable for
use with MIL-DTL-24308 rectangular, nonenvironmental, polarized shell, miniature, rack and panel connectors. This
Appendix is a mandatory part of the specification. The information contained herein is intended for compliance.
B.2 APPLICABLE DOCUMENTS
(This section not applicable to this appendix.)
B.3 GENERAL REQUIREMENTS
(This section not applicable to this appendix.)
B.4 DETAIL REQUIREMENTS
B.4.1 Dimensions and configurations. See table B-I and figures B-1 through B-6. The following details apply:
a. Dimensions are in inches.
b. Metric equivalents (to the nearest .01 mm) are given for information only.
c. Dimensions are after plating.
d. Reference documents shall be of the issue in effect on the date of invitation for bids.
e. For design feature purposes, this appendix takes precedence over procurement documents referenced
herein.
f. Lock ring optional - alternate retention for classes G and N connectors, figures B-1 and B-2.
TABLE B-I. Contact configurations.
Figure
number
Size
Contact
Type
Termination
Class
Superseded
MS number
B-1
20
Socket
Solder cup
G, N
MS18281-1
B-2
20
Pin
Solder cup
G, N
MS18281-2
B-3
20
Pin
Eyelet
H
MS18281-3
B-4
20
Pin
Solder cup
H
MS18281-4
B-5
22D
Socket
Solder cup
G,N
MS18281-5
B-6
22D
Pin
Solder cup
G,N
MS18281-6
FIGURE B-2. Pin, size 20 (solder cup) for
connector classes G,M ,N, and D.
FIGURE B-1. Socket, size 20 (solder cup) for
connector classes G, M, N, and D.
LOCKRING
Optional
(See B.4.1f)
.041DIA
.039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41