Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

S1C17M01 Datasheet(PDF) 2 Page - Epson Company

No. de pieza S1C17M01
Descripción Electrónicos  Flow meter controller with AFE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPSON [Epson Company]
Página de inicio  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17M01 Datasheet(HTML) 2 Page - Epson Company

  S1C17M01 Datasheet HTML 1Page - Epson Company S1C17M01 Datasheet HTML 2Page - Epson Company S1C17M01 Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S1C17M01
Other
1/3 bias power supply included, external voltage can be applied.
R/F converter (RFC)
Conversion method
CR oscillation type with 24-bit counters
Number of conversion channels
1 channel (Up to two sensors can be connected.)
Supported sensors
DC-bias resistive sensors and AC-bias resistive sensors
MR sensor controller (AMRC)
MR sensor interface
MR sensor is directly connectable.
Measurement functions
Evaluates normal rotation, reverse rotation, stop, and phase dropout by inputting
analog rotation phase signals from an MR sensor.
Pulse output function
External interface
External hysteresis resistor control function
Reset
#RESET pin
Reset when the reset pin is set to low.
Watchdog timer reset
Reset when the watchdog timer overflows (can be enabled/disabled using a register).
Supply voltage detection circuit reset
Reset when SVD detects the set voltage level (can be enabled/disabled using a register).
Interrupt
Non-maskable interrupt
4 systems (Reset, address misaligned interrupt, debug, NMI)
External interrupt: 1 system (8 levels)
Programmable interrupt
Internal interrupt: 15 systems (8 levels)
Power supply voltage
VDD operating voltage
1.8 to 5.5 V
VDD operating voltage when AMRC is active
2.0 to 5.5 V
VDD operating voltage for Flash
programming
1.8 to 5.5 V (VPP = 7.5 V external power supply is required.)
Operating temperature
Operating temperature range
-40 to 85 ℃
Current consumption
SLEEP mode
0.35 uA
IOSC = OFF, OSC1 = OFF, VDD = 3.6 V
0.8 uA
IOSC = OFF, OSC1 = 32 kHz, RTC = ON, VDD = 3.6 V
HALT mode
1.3 uA
IOSC = OFF, OSC1 = 32 kHz, RTC = ON, CPU = OSC1, LCD = ON (no panel load, VC2
reference)
12.5 uA
IOSC = OFF, OSC1 = 32 kHz, RTC = ON, CPU = OSC1, LCD = ON (no panel load, VC2
reference)
2.5 mA @ 1/1 divided clock
IOSC = ON, OSC1 = 32 kHz, RTC = ON, CPU = IOSC, LCD = OFF (no panel load)
RUN mode
500 uA @ 1/4 divided clock
IOSC = ON, OSC1 = 32 kHz, RTC = ON, CPU = IOSC, LCD = OFF (no panel load)
Shipping form
1
TQFP13-64pin (Lead pitch: 0.5 mm)
2
Die form (Pad pitch:100 um)
Seiko Epson Corporation
2



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com