Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MVAD065 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

No. de pieza MVAD065
Descripción Electrónicos  65W High Density AC/DC Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA-PS [Murata Power Solutions Inc.]
Página de inicio  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MVAD065 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  MVAD065 Datasheet HTML 1Page - Murata Power Solutions Inc. MVAD065 Datasheet HTML 2Page - Murata Power Solutions Inc. MVAD065 Datasheet HTML 3Page - Murata Power Solutions Inc. MVAD065 Datasheet HTML 4Page - Murata Power Solutions Inc. MVAD065 Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MVAD065 Series
PRELIMINARY 65W High Density AC/DC Power Supply
MVAD065.A01.D10 Page 4 of
5
www.murata-ps.com/support
MECHANICAL DIMENSIONS – MVAD065-12 ONLY
Dimensions: 2.0" x 4.0" x 1.3" (50.8mm x 101.6mm x 33.02mm)
INPUT/OUTPUT CONNECTOR AND SIGNAL SPECIFICATION AND MATING CONNECTORS
PIN
Description
Mating Housing
Crimp terminal/pins
Input Connector CN1 : Molex 26-62-4030
Molex 09-50-8031 with locking ramp
Molex 6838 Series
1
AC Line (V-)
3
AC Neutral (V+)
Spade Connector: #250
GND
Earth Ground
Output Connector CN2 : Molex 26-60-4060
Molex 09-50-8061 with locking ramp
Molex 6838 Series
1, 2
V1
3, 4
DC Return
5
-Remote Sense (NC)
6
+Remote Sense



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com