| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADE04SA Datasheet(PDF) 122 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE04SA Datasheet(HTML) 122 Page - Tyco Electronics |
|
122 / 326 page ![]() D32 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 D Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Accessories Pushbutton Switches, Accessories CAPS Model ID. Description Use Guard Color “A” Diameter B Height C5(*) Snapfit Small plastic cap for MPA3 Series - (0), (2), (5), (9) .195 .120 C8(*) Snapfit Large plastic cap for MPA3 Series - (0), (2), (5), (9) .310 .160 C9(*) Snapfit Spare color cap for MPG Series - (0), (2), (6), (9) .354 .138 C22(*) Snapfit MPS/MSPM/MPE/MPA6 G12 (0), (2), (3), (4), (5), (6),(9) .394 .315 C23(*) Snapfit MPS/MSPM/MPE/MPA6 G13 (0), (2), (3), (4), (5), (6), (9) .590 .394 C33(*) Snapfit Square button for MPSR - (0), (2), (6), (9) .378SQ. .201 (*) Specify color by adding suffix number: (0) Black, (2) Red, (3) Orange, (4) Yellow, (5) Green, (6) Blue, (9) White. GUARDS Part Number Can be Used Tyco Alcoswitch Type Color Finish with Cap Electronics 7-1437627-6 G11A 10-48 Clear aluminum Plain C22 — 7-1437627-7 G11B 10-48 Black aluminum Plain C22 — 7-1437627-8 G11C 10-48 Chromed Brass Plain C22 — 8-1437627-1 G12A 1/4-40 Clear aluminum Plain C12 C22 8-1437627-2 G12B 1/4-40 Black aluminum Plain C12 C22 8-1437627-3 G12C 1/4-40 Chromed brass Plain C12 C22 8-1437627-4 G12KA 1/4-40 Clear aluminum Knurled C12 C22 8-1437627-5 G12KB 1/4-40 Black aluminum Knurled C12 C22 8-1437627-6 G12KC 1/4-40 Chromed brass Knurled C12 C22 8-1437627-7 G13A 1/4-40 Clear aluminum Plain C13 C23 8-1437627-8 G13B 1/4-40 Black aluminum Plain C13 C23 8-1437627-9 G13C 1/4-40 Chromed brass Plain C13 C23 9-1437627-0 G13KA 1/4-40 Clear aluminum Knurled C13 C23 9-1437627-1 G13KB 1/4-40 Black aluminum Knurled C13 C23 9-1437627-2 G13KC 1/4-40 Chromed brass Knurled C13 C23 9-1437627-3 G15* 15/32" Chromed brass Plain *G15 Model used on the MSPF Series DECORATIVE HARDWARE Part Number Tyco Alcoswitch Type Description Electronics 1-1437628-0 N1B 15/32" "Perfect Fit" knurled nut 1-1437628-4 N35-AG 15/32" Decorative nut (supplied on switch) 1-1437628-7 N45-AG 15/32" "Perfect Fit" decorative nut G12K G13 C5 C22 N1B N45-AG N35-AG G13 G12K G11 .413 (10.4) .531 (13.4) .610 (15.4) .315 (8.00) .315 (8.00) .728 (18.4) G12 BUSHING THREAD 1/4-40 UNC-2B G11 BUSHING THREAD 10-48 SHOWN FROM BOTTOM VIEW BUSHING THREAD 1/4-40 UNC-2B APPLICATION NOTE: N35-AG N45-AG N1B -.000 +.020 (-0.00) (+0.08) -.000 +.020 (-0.00) (+0.08) .630 (16.0) .560 (14.2) .020 (0.50) .140 (3.55) .110 (2.79) .630 (16.0) .512 (13.0) DIA. .512 (13.0) DIA. .170 (4.31) .170 (4.31) .390 (9.90) DIA. .550 (13.4) DIA. .320 (8.12) DIA. 15/32-32 UNS-2B 15/32-32 UNS-2B 15/32-32 UNS-2B B A |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |