| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADE08 Datasheet(PDF) 88 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE08 Datasheet(HTML) 88 Page - Tyco Electronics |
|
88 / 326 page ![]() C12 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 TT Series Toggle Switches, Tiny, Right Angle, Flat Actuator Tyco Alcoswitch Type Act. Code P. M5 Electronics 7-1437562-2 TT41NGRA7T1/4 4PDT N On None On 4 POLE FLAT Tyco Alcoswitch Type Act. Code P. M5 Electronics 4-1437561-5 TT11DGRA7T1/4 SPDT D On None On 6-1437561-7 TT11EGRA7T1/4 SPDT E On Off On 7-1437561-4 TT11FGRA7T1/4 SPDT F On None (On) 1-1437562-9 TT21NGRA7T1/4 DPDT N On None On 4-1437562-0 TT21PGRA7T1/4 DPDT P On Off On (On) indicates momentary position Pinned for Anti-Rotation Pinned for Anti-Rotation .252 ±.002 (6.40) ±0.05) DIA. .227 (5.77) TO FLAT .200 (5.10) .377 (9.58) .311 (7.90) .457 (11.61) .142 (3.61) .030 (0.76) .130 (3.30) .123 (3.12) 1/4-40 UNS-2A .232 ±.002 (5.89 ±.05) .200 (5.10) .142 (3.61) .030 (0.76) .130 (3.30) .201 (5.11) .477 (12.12) .311 (7.90) .457 (11.61) 1/4- 40 .320 (8.10) .363 (9.22) 12 3 45 6 .200 (5.08) .100 (2.54) .043 (1.09) TYP. DIA. .100 (2.54) .200 (5.08) .100 (2.54) .100 (2.54) .100 (2.54) .043 (1.09) TYP. DIA. .0.20 (0.51) .206 (5.23) .320 (8.10) .281 (7.14) .0.20 (0.51) .200 (5.10) .142 (3.61) .477 (12.12) .311 (7.90) .457 (11.61) .030 (0.76) .130 (3.30) .201 (5.11) 1/4- 40 UNS-2A .621 (15.77) 12 .363 (9.22) 12 3 78 9 45 6 1011 .020 (0.51) .100 (2.54) TYP. .200 (5.08) .100 (2.54) .043 (1.09) DIA. TYP. .227 (5.77) .252 ±.002 (6.40) ±0.05) DIA. .232 ±.002 (5.89 ±.05) SEE PAGE C8 FOR PRODUCT SPECIFICATIONS 1 & 2 POLE FLAT TT11DGRA7T1/4 Horizontal Actuation TT21NGRA7T1/4 Horizontal Actuation TT41NGRA7T14 Horizontal Actuation ® * Refer to Page C8 for Other Options * |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |