| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADE08 Datasheet(PDF) 259 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE08 Datasheet(HTML) 259 Page - Tyco Electronics |
|
259 / 326 page ![]() K10 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 K K Series Straight Knurl with Pointer and Indicator Line Tyco Color Electronics Alcoswitch Body-Top A B C D E F G 9-1437622-1 KPN500A1/8 Natural .500(12.7) .445(11.3) .372(9.45) .445(11.3) .368(9.35) .195(4.95) .354(8.99) 9-1437622-0 KPN500A1/4 Natural .500(12.7) .445(11.3) .372(9.45) .445(11.3) .368(9.35) .195(4.95 .354(8.99) 9-1437622-3 KPN500B1/8 Black .500(12.7) .445(11.3) .372(9.45) .445(11.3) .368(9.35) .195(4.95 .354(8.99) 9-1437622-2 KPN500B1/4 Black .500(12.7) .445(11.3) .372(9.45) .445(11.3) .368(9.35) .195(4.95 .354(8.99) 9-1437622-5 KPN700A1/4 Natural .750(19.1) .695(17.65) .590(15.0) .695(17.7) .515(13.1) .234(5.94) .394(10.0) 9-1437622-6 KPN700B1/4 Black .750(19.1) .695(17.65) .590(15.0) .695(17.7) .515(13.1) .234(5.94) .394(10.0) 9-1437622-7 KPN900A1/4 Natural .937(23.8) .882(22.40) .692(17.6) .882(22.4) .630(16.0) .276(7.01) .350(8.90) 9-1437622-9 KPN900B1/4 Black .937(23.8) .882(22.40) .692(17.6) .882(22.4) .630(16.0) .276(7.01) .350(8.90) Knobs, Machined Aluminum KNS SERIES Straight Knurl with Arrowhead Indicator on Skirt Tyco Electronics Alcoswitch Color A B C D E F G 7-1437622-3 KNS501A1/8 Natural .500(12.7) .445(11.3) .370(9.40) .750(19.1) .625(15.9) .512(13.0) .428(10.9) 7-1437622-2 KNS501A1/4 Natural .500(12.7) .445(11.3) .370(9.40) .750(19.1) .625(15.9) .512(13.0) .428(10.9) 7-1437622-5 KNS501B1/8 Black .500(12.7) .445(11.3) .370(9.40) .750(19.1) .625(15.9) .512(13.0) .428(10.9) 7-1437622-4 KNS501B1/4 Black .500(12.7) .445(11.3) .370(9.40) .750(19.1) .625(15.9) .512(13.0) .428(10.9) 7-1437622-8 KNS701A1/4 Natural .750(19.1) .695(17.7) .590(15.0) 1.12(28.5) .625(15.9) .512(13.0) .428(10.9) 7-1437622-9 KNS701B1/4 Black .750(19.1) .695(17.7) .590(15.0) 1.12(28.5) .625(15.9) .512(13.0) .428(10.9) Two-Toned Body-Top/Skirt 7-1437622-7 KNS501BA1/8 Blk.- Ntl. .500(12.7) .695(17.7) .370(9.40) .750(19.1) .625(15.9) .512(13.0) .428(10.9) 7-1437622-6 KNS501BA1/4 Blk.- Ntl. .500(12.7) .695(17.7) .370(9.40) .750(19.1) .625(15.9) .512(13.0) .428(10.9) 8-1437622-1 KNS701BA1/8 Blk. - Ntl. .750(19.1) .695(17.7) .590(15.0) 1.12(28.5) .625(15.9) .512(13.0) .428(10.9) 8-1437622-0 KNS701BA1/4 Blk.- Ntl. .750(19.1) .695(17.7) .590(15.0) 1.12(28.5) .625(15.9) .512(13.0) .428(10.9) KPN SERIES A 120 ° ARROW INDICATOR 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.38) B C G D E .030 (.762) .120 (3.05) .150 (3.81) NO. 6-32 SET SCREW 2 PLACES .281 (7.14) F KS SERIES NO. 6-32 SET SCREW 2 PLACES A B E F POINTER 120 ° C G D .315 (8.00) .550 (14.00) .118 (3.00) .070 (1.78) .480 (12.20) .625 (15.90) 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.38) KNS701B1/4 KNS701BA1/4 KPN500B1/8 3 Flute Design with Aluminum Skirt and Indicator Line Tyco Electronics Alcoswitch Color A B C D E F G 1437623-3 KS500A1/8 Natural .500(12.7) .430(10.9) .360(9.14) .750(19.1) .620(15.8) .510(13.0) .430(10.9) 1437623-2 KS500A1/4 Natural .500(12.7) .430(10.9) .360(9.14) .750(19.1) .620(15.8) .510(13.0) .430(10.9) 1437623-5 KS500B1/8 Black .500(12.7) .430(10.9) .360(9.14) .750(19.1) .620(15.8) .510(13.0) .430(10.9) 1437623-4 KS500B1/4 Black .500(12.7) .430(10.9) .360(9.14) .750(19.1) .620(15.8) .510(13.0) .430(10.9) 1437623-6 KS700A1/4 Natural .750(19.0) .650(16.5) .590(14.9) 1.12(28.4) .620(15.8) .510(13.0) .430(10.9) 1437623-7 KS700B1/4 Black .750(19.0) .650(16.5) .590(14.9) 1.12(28.4) .620(15.8) .510(13.0) .430(10.9) 1437623-8 KS900A1/4 Natural .940(23.9) .820(20.8) .710(18.0) 1.40(35.6) .620(15.8) .510(13.0) .430(10.9) 1437623-9 KS900B1/4 Black .940(23.9) .820(20.8) .710(18.0) 1.40(35.6) .620(15.8) .510(13.0) .430(10.9) KS500A1/4 KS900B1/4 1/4" SHAFT=.251" (6.37) B A C G D E .031 (.760) .186 (4.72) .160 (4.06) NO. 6-32 SET SCREW 2 PLACES .281 (7.14) INDICATOR LINE F 120 ° KNS501A1/4 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |