| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADE08 Datasheet(PDF) 295 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE08 Datasheet(HTML) 295 Page - Tyco Electronics |
|
295 / 326 page ![]() Index/Matrixes M10 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 M Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Alcoswitch & Tyco Electronics Power Tool Switches Application Worksheet Required Information Electrical Considerations: Voltage of Applications:__________________________Current of Application:__________________________________________ Circuitry Configuration: Number of Poles: ____________________________ Number of Throws: ______________________ Number of Operations anticipated: ______________________________________________________________________________ Agency Approvals or Listings Desired: __________________________________________________________________________ Mechanical Considerations Type of Switch (Actuator Type): q Toggle q Pushbutton q Rotary q Trigger q Other Switch Function: (On/Off/On) ________________________ On/Off ______________________Momentary: ________________ Termination: q Thru-Hole (PC) q Surface Mount q Wire Lug q Quick Connect q Other Sealing Contamination Requirements: ____________________________________________________________________________ Product Processing Considerations Anticipated Soldering Process: q Hand q Wave q SMT q Other Optional Information Electrical Considerations: Contact Resistance Requirements: Initial: ____________________________ After Life Cycles: ________________________ Electrostatic Discharge: (E.S.D.) Requirements: __________________________________________________________________ Contact Timing: q Shorting (Make-Before-Break) q Non Shorting (Break-Before-Make) Other Electrical Considerations: ________________________________________________________________________________ Mechanical Considerations Actuation Force Requirements: ________________________________________________________________________________ Actuator Travel Distance or Degrees of Throw: ____________________________________________________________________ Special Plating Requirements: Flammability Rating:____________________ Oxygen Index: ______________________ Special Material Requirements: % Solder Coverage: ____________________ Marking Required: __________________________________________________________________________________________ Desired Product Color Options: ________________________________________________________________________________ Other Mechanical Considerations: ______________________________________________________________________________ Environmental Considerations Operating Temperature Range: ________________________________________________________________________________ Storage Temperature Range: __________________________________________________________________________________ Chemical Resistance Requirements: ____________________________________________________________________________ Other Environmental Considerations: ____________________________________________________________________________ Required Information For Power Tool Switches Only Output Characteristics: Variable Speed, Two Speed, On/Off, etc.: ______________________Reversing/Non-Reversing: ____________________________ Lock-on, Lock-off, or Neither:__________________________________________________________________________________ Hook-up wire size and configuration (i.e. stranded/solder tinned, fused, terminated, etc.) and retention force requirements (how many pounds pull force and what directions required): ____________________________________________________________________ |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |