| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADE08S Datasheet(PDF) 24 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE08S Datasheet(HTML) 24 Page - Tyco Electronics |
|
24 / 326 page ![]() A24 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 A DRD “E” Series “D” FLUSH ACTUATOR .100 (2.54) .100 (2.54) .146 (3.70) .300 (7.60) .020 (0.50) .012 (0.30) .157 (4.00) .394 (10.00) .394 (10.00) 0 1 9 .236 (6.00) TERMINATIONS LAYOUTS HOW TO ORDER 10 = BCD 10C = BCD Complement 16 = Hexadecimal 16C = Hexadecimal Complement DRD E Blank = PC SA = SMT (Inside L) S = SMT (Outside L) Blank = Tubes TR = Tape & Reel (for surface mount only) .325 (8.26) REF. S OUTSIDE ‘L’ P.C. SA INSIDE ‘L’ .050 MIN. (1.27) TYP. .410 (10.91) MIN. .240 (6.10) MAX. .100 (2.54) TYP. .200 (5.08) MAX. .350 (8.89) MIN. .050 MIN. (1.27) TYP. .300 (7.62) REF. .100 (2.54) TYP. .100 (2.54) TYP. .031 (0.79) DIA. TYP. .300 (7.62) .031 (0.80) TYP. SA S PC .366 (9.30) .035 (0.90) .031 (0.80) TYP. .315 (8.00) .035 (0.90) .300 (7.60) .020 (0.50) Rotary DIP Switches, Process Sealed, Through Hole and Surface Mount |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |