| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADE09SA Datasheet(PDF) 91 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE09SA Datasheet(HTML) 91 Page - Tyco Electronics |
|
91 / 326 page ![]() C15 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C TT Series Toggle Switches, Tiny, Wire Lug, Long Actuators SEE PAGE C8 FOR PRODUCT SPECIFICATIONS 1 & 2 POLE TT23N3T TT13D3T 1 & 2 POLE TT13A9T1/4 TT23N9T1/4 4 POLE TT43N9T1/4 For terminal connections refer to Code Chart on page M5-6 .177 ±.002 (4.5 ±.05) .192 ±.002 (4.88 ±.05) Dia. .040W X .080L (1.00)W X (2.00)L OBLONG HOLE .020 (0.51) TYP. .109 (2.77) .348 (8.84) .216 (5.49) .381 (9.68) 26 ° 10-48 UNS-2A .100 (2.50) DIA. .320 (8.10) .236 (5.99) DIA. .206 (5.23) .160 (4.10) .363 (9.22) .172 (4.37) TO FLAT .172 (4.37) TO FLAT .160 (4.10) .621 (15.77) .080 (2.00) .363 (9.22) 3 7 8 9 2 1 6 10 11 12 5 4 .020 (0.51) TYP. .109 (2.77) .348 (8.84) .216 (5.49) .381 (9.68) 26 ° 10-48 UNS-2A .040W x .080L (1.00)W X (2.00)L OBLONG HOLE .100 (2.50) DIA. .160 (4.10) 3 2 1 6 5 4 .363 (9.22) .100 (2.50) TO FLAT .020Dp. X .040L (0.51)Dp. X (1.00)L KEYWAY .040W X .080L (1.00)W X (2.00)L OBLONG HOLE .020 (0.51) TYP. .109 (2.77) .348 (8.84) .311 (7.90) .421 (10.69) 26 ° 1/4-40 UNS-2A .100 (2.50) DIA. .281 (7.14) DIA. .206 (5.23) .320 (8.10) 3 2 1 .080 (2.00) .227 (5.77) TO FLAT .020Dp. X .040L (0.51) X (1.00)L KEYWAY .160 (4.10) .621 (15.77) .363 (9.22) .232 ±.002 (5.89 ±.05) .252 ±.002 (6.40) ±(.005) DIA. .020 (0.51) TYP. .109 (2.77) .348 (8.84) .311 (7.90) .421 (10.69) 26 ° 1/4-40 UNS-2A .040W x .080L (1.00)W X (2.00)L OBLONG HOLE .100 (2.50) DIA. Tyco Alcoswitch Type Act. Code P. M5 Electronics 8-1437561-0 TT13A3T SPST A On None Off 8-1437561-8 TT13D3T SPDT D On None On 9-1437561-6 TT13E3T SPDT E On Off On 4-1437562-8 TT23K3T DPST K On None Off 5-1437562-2 TT23N3T DPDT N On None On Note: No center terminal on "A" or "K" action switches. Tyco Alcoswitch Type Act. Code P. M5 Electronics 5-1437562-8 TT23P3T DPDT P On Off On 7-1437562-7 TT43N3T 4PDT N On None On 8-1437562-0 TT43P3T 4PDT P On Off On Tyco Alcoswitch Type Act. Code P. M5 Electronics 8-1437561-4 TT13A9T1/4 SPST A On None Off 9-1437561-2 TT13D9T1/4 SPDT D On None On 9-1437561-8 TT13E9T1/4 SPDT E On Off On 4-1437562-9 TT23K9T1/4 DPST K On None Off 5-1437562-6 TT23N9T1/4 DPDT N On None On Note: No center terminal on "A" or "K" action switches. Tyco Alcoswitch Type Act. Code P. M5 Electronics 6-1437562-2 TT23P9T1/4 DPDT P On Off On 7-1437562-9 TT43N9T1/4 4PDT N On None On 8-1437562-1 TT43P9T1/4 4PDT P On Off On |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |