| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8802LEEVZ Datasheet(PDF) 7 Page - Analog Microelectronics |
|
|
|||||||||||||||||||||||||||||
AME8802LEEVZ Datasheet(HTML) 7 Page - Analog Microelectronics |
|
7 / 16 page ![]() AME 7 AME8802 300mA CMOS LDO Rev.K.02 Parameter Symbol Min Typ Max Units Input Voltage VIN Note 1 7 V Output Voltage Accuracy VO -1.5 1.5 % 1.2V<=VO(NOM)<=2.0V 1300 Dropout Voltage VDROPOUT 2.0V<VO(NOM)<=2.8V 400 2.8V<VO(NOM) 300 Output Current IO 300 mA Current Limit ILIM 300 450 mA Short Circuit Current ISC 150 300 mA Quiescent Current IQ 30 50 µA Ground Pin Current IGND 35 µA 1.2V <= VO <= 1.4V -0.2 0.2 1.4V < VO <= 2.0V -0.15 0.15 2.0V< VO < 4.0V -0.1 0.02 0.1 4.0V <= Vo -0.4 0.2 0.4 Load Regulation REGLOAD -1 0.2 1 % Over Temerature Shutdown OTS 150 oC Over Temerature Hysterisis OTH 30 oC VO Temperature Coefficient TC 30 ppm/ oC f =100Hz 60 PSRR f =1kHz 50 dB f =10kHz 20 VEH 2.0 Vin V VEL 0 0.4 V IEH 0.1 µA IEL 0.5 µA Shutdown Supply Current ISD 0.5 1 µA Shutdown Output Voltage VO,SD 0 0.4 V 85 75 115 125 PG Leakage Current ILC 1 µA PG Voltage Rating VPG 7 V PG Voltage Low VOL 0.4 V mV VO>1.2V Test Condition IO=1mA VO<0.8V IO=0mA IO=1mA to 300mA See chart IO=300mA VO=VO(NOM) -2.0% VO>1.2V VEN=0V, VIN=2.7V to 7V VIN=5V, VO=0V, VEN<VEL Power Supply Rejection IO=100mA CO=2.2 µF Output Voltage Noise eN VEN=VIN, VIN=2.7V to 7V 2.5V <= VO(NOM) <= 5.0V 1.2V <= VO(NOM) < 2.5V 2.5V <= VO(NOM) <= 5.0V IO=0.4mA, VEN<VEL Line Regulation REGLINE IO=1mA VIN=VO+1 to VO+2 VIN=2.7V to 7V IO=1mA to 300mA VPG=7V µVrms EN Input Threshold EN Input Bias Current f=10Hz to 100kHz IO=10mA Co=2.2 µF 30 VIN=2.7V to 7V % ISINK=0.4mA Output Under Voltage VUV %VO(NOM) Output Over Voltage VOV %VO(NOM) VO in regulation 1.2V <= VO(NOM) < 2.5V n Electrical Specifications TA = 25OC unless otherwise noted Note1:V IN(min)=VOUT+VDROPOUT |