Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

N0801R Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza N0801R
Descripción Electrónicos  PNP SILICON EPITAXIAL TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0801R Datasheet(HTML) 3 Page - Renesas Technology Corp

  N0801R Datasheet HTML 1Page - Renesas Technology Corp N0801R Datasheet HTML 2Page - Renesas Technology Corp N0801R Datasheet HTML 3Page - Renesas Technology Corp N0801R Datasheet HTML 4Page - Renesas Technology Corp N0801R Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
N0801R
R07DS0728EJ0100
Rev.1.00
Page 3 of 5
Mar 30, 2012
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
−0.0001
−0.001
−0.01
−0.1
−1
−10
TA = 125˚C
25˚C
−25˚C
VBE - Base to Emitter Voltage - (V)
−0.0
−0.3
−0.6
−0.9
−1.2
VCE =
−2 V
Pulsed
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
10
100
1000
VCE =
−5 V
−1000
−100
−10
−1
IC - Collector Current - (mA)
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
1
10
100
−100
−10
−1
−0.1
VCB - Collector to Base Voltage - (V)
IE = 0
f = 1.0 MHz
SWITCHING TIME vs.
COLLECTOR CURRENT
10
100
1000
IC - Collector Current - (mA)
−10
−100
−1000
−10000
VCE =
−10 V
IC = 10IB1 =
−10IB2
PW = 50
μs
ton
tf
tstg



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com