| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8272 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8272 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 61 page ![]() MPC8272 PowerQUICC II Family Hardware Specifications, Rev. 3 24 Freescale Semiconductor AC Electrical Characteristics NOTE Activating data pipelining (setting BRx[DR] in the memory controller) improves the AC timing. This figure shows the interaction of several bus signals. Figure 9. Bus Signals CLKin AACK/TA/TS/ DATA bus normal mode All other input signals PSDVAL/TEA/TA output signals ADD/ADD_atr/BADDR/CI/ DATA bus output signals All other output signals sp11 sp12 sp15 sp10 sp10 sp10 sp30 sp30 sp30 sp30 sp32 sp33 sp35 DBG/BG/BR input signals GBL/WT output signals sp31 input signal ARTRY/TEA input signals sp11a sp10 (except AP) sp10 sp13 DATA bus pipeline mode input signal |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |