Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XS3F-M421-402-R Datasheet(PDF) 11 Page - Omron Electronics LLC

No. de pieza XS3F-M421-402-R
Descripción Electrónicos  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M421-402-R Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button XS3F-M421-402-R Datasheet HTML 7Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 8Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 9Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 10Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 11Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 12Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 13Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 14Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
12
J
ADJUSTMENTS (CONT.)
Normal Two-point Teaching
Sensor
Background
Background
Sensor
Object
ON
E3G-L
Threshold a (La)
Background
Object
Procedure
Operation
Panel status
1
Set the mode selector to TEACH.
Object
2
Set the NORMAL/ZONE mode selector to NORMAL.
OUT
NORM L
3
Press the SET button with a sensing object located at sensing
position.
The threshold indicator (red) will turn ON.
Threshold indicator
(red) turns ON.
ADJ
TEACH
ZONE D
NEAR
SET
4
Move the sensing object and press the SET button with the
background.
If the teaching is successful, the distance indicator (green) will
turn ON.
If the teaching is not successful, the threshold indicator (red) will
start to flash.
Background
Press
Distance indicator
(green) turns ON.
RUN
FAR
OUT
NORM L
5
If the teaching is successful, set the mode selector to RUN to
complete the teaching operation.
If the teaching is not successful, change the position of the object
and setting distance that have been set and repeat the procedure
from step 3 above.
OK
NG
(green) turns ON.
Threshold indicator
(red) starts to flash.
RUN
ADJ
TEACH
ZONE D
NEAR
FAR
SET
6
Set to L-ON or D-ON mode with the operation mode selector.
Press
FAR
La: Distance equivalent to threshold (a)
Sensor
Background
OFF
E3G-L
Threshold a (La)
OFF
ON
Background
Threshold b (Lb)
J
ADJUSTMENTS (CONT.)
Zone One-point Teaching
Procedure
Operation
Panel status
1
Set the mode selector to TEACH.
2
Set the NORMAL/ZONE mode selector to ZONE.
3
Press the SET button with the background.
All threshold indicators (Red) will turn ON while the SET button is
pressed. When the SET button is released:
$ If the teaching is successful, the distance indicator (green) will
turn ON.
$ If the teaching is not successful, the threshold indicator (red) will
start to flash.
OK
NG
Distance indicator
(green) turns ON.
Threshold indicator
(red) starts to flash.
OUT
RUN
ADJ
TEACH
ZONE D
NORM L
NEAR
FAR
SET
4
Set the mode selector to RUN.
P
FAR
5
Set to L-ON or D-ON mode with the operation mode selector.
L-ON: Output ON with the background.
D-ON: Output OFF with the background.
Press
La: Distance equivalent to threshold (a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com