| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STPS20SM100S Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS20SM100S Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 11 page ![]() STPS20SM100S Characteristics Doc ID 15524 Rev 2 5/11 Figure 11. Junction capacitance versus reverse voltage applied (typical values) Figure 12. Forward voltage drop versus forward current (terminals 1 and 3 short circuited) Figure 13. Thermal resistance junction to ambient versus copper surface under tab for D2PAK Figure 14. Reverse safe operating area (tp < 1 µs and Tj < 150 °C) 100 1000 10000 1 10 100 F=1MHz VOSC=30mVRMS Tj=25°C VR(V) C(pF) IFM(A) 0 10 20 30 40 0.0 0.2 0.4 0.6 0.8 1.0 1.2 Tj=25°C (Maximum values) Tj=125°C (Maximum values) Tj=125°C (Maximum values) Tj=125°C (Typical values) Tj=125°C (Typical values) V (V) FM 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 35 40 S(cm²) R (°C/W) th(j-a) Epoxy printed board FR4, copper thickness = 35 µm) 28 30 32 34 36 38 40 42 44 46 100 110 120 130 140 150 Iarm (A) Varm (V) Operating area Forbidden area |