| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L151VB Datasheet(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VB Datasheet(HTML) 86 Page - STMicroelectronics |
|
86 / 121 page ![]() Electrical characteristics STM32L151x6/8/B, STM32L152x6/8/B 86/121 Doc ID 17659 Rev 8 SPI characteristics Unless otherwise specified, the parameters given in the following table are derived from tests performed under ambient temperature, fPCLKx frequency and VDD supply voltage conditions summarized in Table 14. Refer to Section 6.3.11: I/O current injection characteristics for more details on the input/output alternate function characteristics (NSS, SCK, MOSI, MISO). Table 49. SPI characteristics(1) 1. The characteristics above are given for voltage range 1. Symbol Parameter Conditions Min Max(2) 2. Based on characterization, not tested in production. Unit fSCK 1/tc(SCK) SPI clock frequency Master mode - 16 MHz Slave mode - 16 Slave transmitter - 12(3) 3. The maximum SPI clock frequency in slave transmitter mode is given for an SPI slave input clock duty cycle (DuCy(SCK)) ranging between 40 to 60%. tr(SCK) (2) tf(SCK) (2) SPI clock rise and fall time Capacitive load: C = 30 pF - 6 ns DuCy(SCK) SPI slave input clock duty cycle Slave mode 30 70 % tsu(NSS) NSS setup time Slave mode 4tHCLK - ns th(NSS) NSS hold time Slave mode 2tHCLK - tw(SCKH) (2) tw(SCKL) (2) SCK high and low time Master mode tSCK/2 −5 tSCK/2+ 3 tsu(MI) (2) Data input setup time Master mode 5 - tsu(SI) (2) Slave mode 6 - th(MI) (2) Data input hold time Master mode 5 - th(SI) (2) Slave mode 5 - ta(SO) (4) 4. Min time is for the minimum time to drive the output and max time is for the maximum time to validate the data. Data output access time Slave mode 0 3tHCLK tv(SO) (2) Data output valid time Slave mode - 33 tv(MO) (2) Data output valid time Master mode - 6.5 th(SO) (2) Data output hold time Slave mode 17 - th(MO) (2) Master mode 0.5 - |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |