| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L152V8 Datasheet(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152V8 Datasheet(HTML) 38 Page - STMicroelectronics |
|
38 / 121 page ![]() Pin descriptions STM32L151x6/8/B, STM32L152x6/8/B 38/121 Doc ID 17659 Rev 8 49 31 D6 F12 23 VSS_1 SVSS_1 50 32 E6 G12 24 VDD_1 SVDD_1 51 33 H8 L12 25 PB12 I/O FT PB12 SPI2_NSS/I2C2_SMBA/USART3_CK/LCD_SEG12/ ADC_IN18/COMP1_INP/TIM10_CH1 52 34 G8 K12 26 PB13 I/O FT PB13 SPI2_SCK/USART3_CTS/LCD_SEG13/ADC_IN19/ COMP1_INP/TIM9_CH1 53 35 F8 K11 27 PB14 I/O FT PB14 SPI2_MISO/USART3_RTS/LCD_SEG14/ADC_IN20/ COMP1_INP/TIM9_CH2 54 36 F7 K10 28 PB15 I/O FT PB15 SPI2_MOSI/LCD_SEG15/ADC_IN21/ COMP1_INP/TIM11_CH1/RTC_REFIN 55 - - K9 - PD8 I/O FT PD8 USART3_TX/LCD_SEG28 56 - - K8 - PD9 I/O FT PD9 USART3_RX/LCD_SEG29 57 - - J12 - PD10 I/O FT PD10 USART3_CK/LCD_SEG30 58 - - J11 - PD11 I/O FT PD11 USART3_CTS/LCD_SEG31 59 - - J10 - PD12 I/O FT PD12 TIM4_CH1/USART3_RTS/LCD_SEG32 60 - - H12 - PD13 I/O FT PD13 TIM4_CH2/LCD_SEG33 61 - - H11 - PD14 I/O FT PD14 TIM4_CH3/LCD_SEG34 62 - - H10 - PD15 I/O FT PD15 TIM4_CH4/LCD_SEG35 63 37 F6 E12 - PC6 I/O FT PC6 TIM3_CH1/LCD_SEG24 64 38 E7 E11 PC7 I/O FT PC7 TIM3_CH2/LCD_SEG25 65 39 E8 E10 PC8 I/O FT PC8 TIM3_CH3/LCD_SEG26 66 40 D8 D12 - PC9 I/O FT PC9 TIM3_CH4/LCD_SEG27 67 41 D7 D11 29 PA8 I/O FT PA8 USART1_CK/MCO/LCD_COM0 68 42 C7 D10 30 PA9 I/O FT PA9 USART1_TX/LCD_COM1 69 43 C6 C12 31 PA10 I/O FT PA10 USART1_RX/LCD_COM2 70 44 C8 B12 32 PA11 I/O FT PA11 USART1_CTS/USB_DM/SPI1_MISO 71 45 B8 A12 33 PA12 I/O FT PA12 USART1_RTS/USB_DP/SPI1_MOSI 72 46 A8 A11 34 PA13 I/O FT JTMS/ SWDAT 73 - - C11 - PH2 I/O FT PH2 74 47 D5 F11 35 VSS_2 SVSS_2 Table 9. STM32L15xxx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions |