| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L151R6 Datasheet(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151R6 Datasheet(HTML) 72 Page - STMicroelectronics |
|
72 / 121 page ![]() Electrical characteristics STM32L151x6/8/B, STM32L152x6/8/B 72/121 Doc ID 17659 Rev 8 Multi-speed internal (MSI) RC oscillator Table 32. MSI oscillator characteristics Symbol Parameter Condition Typ Max Unit fMSI Frequency after factory calibration, done at VDD= 3.3 V and TA = 25 °C MSI range 0 65.5 kHz MSI range 1 131 MSI range 2 262 MSI range 3 524 MSI range 4 1.05 MHz MSI range 5 2.1 MSI range 6 4.2 ACCMSI Frequency error after factory calibration ±0.5 % DTEMP(MSI) (1) MSI oscillator frequency drift 0 °C ≤ TA ≤ 85 °C ±3% DVOLT(MSI) (1) MSI oscillator frequency drift 1.65 V ≤ VDD ≤ 3.6 V, TA = 25 °C 2.5 %/V IDD(MSI) (2) MSI oscillator power consumption MSI range 0 0.75 µA MSI range 1 1 MSI range 2 1.5 MSI range 3 2.5 MSI range 4 4.5 MSI range 5 8 MSI range 6 15 tSU(MSI) MSI oscillator startup time MSI range 0 30 µs MSI range 1 20 MSI range 2 15 MSI range 3 10 MSI range 4 6 MSI range 5 5 MSI range 6, Voltage range 1 and 2 3.5 MSI range 6, Voltage range 3 5 |