| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IO196PDB5V0 Datasheet(PDF) 10 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO196PDB5V0 Datasheet(HTML) 10 Page - Microsemi Corporation |
|
10 / 212 page ![]() Military ProASIC3/EL Device Family Overview 1-4 Revision 3 In addition, extensive on-chip programming circuitry allows for rapid, single-voltage (3.3 V) programming of military ProASIC3/EL devices via an IEEE 1532 JTAG interface. Figure 1-1 • Military ProASIC3 Device Architecture Overview with Four I/O Banks (A3P250 and A3P1000) Figure 1-2 • Military ProASIC3EL Device Architecture Overview (A3PE600L and A3PE3000L) RAM Block 4,608-Bit Dual-Port SRAM or FIFO Block RAM Block 4,608-Bit Dual-Port SRAM or FIFO Block VersaTile CCC I/Os ISP AES Decryption User Nonvolatile FlashROM Charge Pumps Bank 0 Bank 2 4,608-Bit Dual-Port SRAM or FIFO Block VersaTile RAM Block CCC Pro I/Os 4,608-Bit Dual-Port SRAM or FIFO Block RAM Block ISP AES Decryption* User Nonvolatile FlashRom Flash*Freeze Technology Charge Pumps |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |