| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMS320VC33 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC33 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 58 page ![]() TMS320VC33 DIGITAL SIGNAL PROCESSOR SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004 39 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251--1443 changing XFx from an input to an output The following table defines the timing parameter for changing the XFx pin from an input pin to an output pin. switching characteristics over recommended operating conditions for changing XFx from input to output mode (see Figure 27) PARAMETER VC33-120 VC33-150 UNIT PARAMETER MIN MAX MIN MAX UNIT td(H3H-XF) Delay time, H3 high to XFx switching from input to output 4 3 ns Execution of Load of IOF H3 H1 I/OxFx Bit (see Note A) XFx td(H3H-XF) NOTE A: I/OxFx represents either bit 1 or bit 5 of the IOF register. Figure 27. Timing for Changing XFx From Input to Output Mode |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |