| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LT1014AMJB Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LT1014AMJB Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 32 page ![]() LT1014, LT1014A, LT1014D QUAD PRECISION OPERATIONAL AMPLIFIERS SLOS039D − JULY 1989 − REVISED AUGUST 2009 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 AVAILABLE OPTIONS{ PACKAGED DEVICES} TA VIO max AT 25 °C SMALL OUTLINE (DW)§ CHIP CARRIER (FK) CERAMIC DIP (J) PLASTIC DIP (N) 0 °Cto70°C 300 µV — — — LT1014CN 0 °C to 70°C 300 µV 800 µV LT1014DDW — — LT1014CN LT1014DN 40 °C to 105°C 300 µV — — — LT1014IN −40 °C to 105°C 300 µV 800 µV LT1014DIDW — — LT1014IN LT1014DIN 180 µV — LT1014AMFK LT1014AMJ — −55 °C to 125°C 180 µV 300 µV — — LT1014AMFK LT1014MFK LT1014AMJ LT1014MJ — LT1014MN 55 C to 125 C 300 µV 800 µV LT1014DMDW LT1014MFK — LT1014MJ — LT1014MN LT1014DMN † For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. ‡ Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. § The DW package is available taped and reeled. Add the suffix R to the device type (e.g., LT1014DDWR). |