| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADP5585ACPZ-00-R7 Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5585ACPZ-00-R7 Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 40 page ![]() ADP5585 Data Sheet Rev. C | Page 20 of 40 Table 11. Event Decoding Event No. Meaning Event No. Meaning Event No. Meaning Event No. Meaning 0 No event 32 Key 32 (R1, GND) 64 Unused 96 Unused 1 Key 1 (R0, C0) 33 Key 33 (R2, GND) 65 Unused 97 Unused 2 Key 2 (R0, C1) 34 Key 34 (R3, GND) 66 Unused 98 Unused 3 Key 3 (R0, C2) 35 Key 35 (R4, GND) 67 Unused 99 Unused 4 Key 4 (R0, C3) 36 Key 36 (R5, GND) 68 Unused 100 Unused 5 Key 5 (R0, C4) 37 GPI 1 (R0) 69 Unused 101 Unused 6 Key 6 (R1, C0) 38 GPI 2 (R1) 70 Unused 102 Unused 7 Key 7 (R1, C1) 39 GPI 3 (R2) 71 Unused 103 Unused 8 Key 8 (R1, C2) 40 GPI 4 (R3) 72 Unused 104 Unused 9 Key 9 (R1, C3) 41 GPI 5 (R4) 73 Unused 105 Unused 10 Key 10 (R1, C4) 42 GPI 6 (R5) 74 Unused 106 Unused 11 Key 11 (R2, C0) 43 GPI 7 (C0) 75 Unused 107 Unused 12 Key 12 (R2, C1) 44 GPI 8 (C1) 76 Unused 108 Unused 13 Key 13 (R2, C2) 45 GPI 9 (C2) 77 Unused 109 Unused 14 Key 14 (R2, C3) 46 GPI 10 (C3) 78 Unused 110 Unused 15 Key 15 (R2, C4) 47 GPI 11 (C4) 79 Unused 111 Unused 16 Key 16 (R3, C0) 48 Logic 80 Unused 112 Unused 17 Key 17 (R3, C1) 49 Unused 81 Unused 113 Unused 18 Key 18 (R3, C2) 50 Unused 82 Unused 114 Unused 19 Key 19 (R3, C3) 51 Unused 83 Unused 115 Unused 20 Key 20 (R3, C4) 52 Unused 84 Unused 116 Unused 21 Key 21 (R4, C0) 53 Unused 85 Unused 117 Unused 22 Key 22 (R4, C1) 54 Unused 86 Unused 118 Unused 23 Key 23 (R4, C2) 55 Unused 87 Unused 119 Unused 24 Key 24 (R4, C3) 56 Unused 88 Unused 120 Unused 25 Key 25 (R4, C4) 57 Unused 89 Unused 121 Unused 26 Key 26 (R5, C0) 58 Unused 90 Unused 122 Unused 27 Key 27 (R5, C1) 59 Unused 91 Unused 123 Unused 28 Key 28 (R5, C2) 60 Unused 92 Unused 124 Unused 29 Key 29 (R5, C3) 61 Unused 93 Unused 125 Unused 30 Key 30 (R5, C4) 62 Unused 94 Unused 126 Unused 31 Key 31 (R0, GND) 63 Unused 95 Unused 127 Unused FIFO_2 Register 0x04 Table 12. FIFO_2 Bit Descriptions Bit(s) Bit Name Access Description 7 EVENT2_STATE Read only Refer to Table 10. 6 to 0 EVENT2_IDENTIFIER[6:0] Read only Refer to Table 10. FIFO_3 Register 0x05 Table 13. FIFO_3 Bit Descriptions Bit(s) Bit Name Access Description 7 EVENT3_STATE Read only Refer to Table 10. 6 to 0 EVENT3_IDENTIFIER[6:0] Read only Refer to Table 10. FIFO_4 Register 0x06 Table 14. FIFO_4 Bit Descriptions Bit(s) Bit Name Access Description 7 EVENT4_STATE Read only Refer to Table 10. 6 to 0 EVENT4_IDENTIFIER[6:0] Read only Refer to Table 10. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |