Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB2S Datasheet(PDF) 7 Page - Formosa MS

No. de pieza MB2S
Descripción Electrónicos  0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-50-1000V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

MB2S Datasheet(HTML) 7 Page - Formosa MS

  MB2S Datasheet HTML 1Page - Formosa MS MB2S Datasheet HTML 2Page - Formosa MS MB2S Datasheet HTML 3Page - Formosa MS MB2S Datasheet HTML 4Page - Formosa MS MB2S Datasheet HTML 5Page - Formosa MS MB2S Datasheet HTML 6Page - Formosa MS MB2S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
01235
789 789
1





1
!
"#$
%%&'('((&)&&&*
+,
%%&'('((&)&*-*
./0234
567879:
4
;
4
73
<!=3>?
<
?
=3@<1
3
A3BC
3@<1
3 A3BC
C
>
0123
*D
@3A3C

1>!3
(D
@31EC
D
C

F
GHC
2"331
=3A3B33IC
1
-1@J31
C
>$C3
K?
>
3C


3>J31
C
>$C3
&03=3LM3
5"331
=3LF!D
C
>2
%"31D!M
)1@=23
*NH=C
@C

F
**HC
2"331
=3
123$C3
1(&N K
*N (3!
C
33E@FC
>
D
@3*
*&OP*
G(O
J
1(-KPKL K3!
J
QR%NS 1
31"R*KNL *&%
A
T
J
A1
3@1B31233!
CC
3!=3>1"R(KL KNN
T
J
" R(KLU?R?
+

J
J>
1
33> KC
>
 
1
33 KC
>
>1>@ KNN!F!D
3
J
*K0 1"R*(*L -
?
V
+
J
J
'KKL
W*(KL@3D
D
3@ GNC
>
1>@
1>33@ KC
>

1D*N!F!D
3
J
J
NL KC
>C
3
*NNL KC
>

1D*N!F!D
3
%
GC
>2D
31DC
>3'1B3=3C
3@
>1
3@D
1@U>3=23
J
1"R%KLUAHR%KS *NNN
+
J
1*5KL *NNN
J
P L
P
?
$'"<'5KN<
#"HJ<'(NG*
?
$'"<'(N(
#"HJ<'(N%
?
$'"<'5KN<
#"HJ<'*NG%
?
$'"<'5KN<
#"HJ<'*N(5
?
$'"<'5KN<
#"HJ<'*NG&
T#<(('+*N(
?
$'"<'5KN<
#"HJ<'*NK*
?
$'"<'5KN<
#"HJ<'*NK&
?
$'"<'5KN<
#"HJ<'-N&&'(
?
$'"<'5KN<
#"HJ<'*N(*
?
$'"<'5KN<
#"HJ<'*NG*
?

3"3
L>@C

C
>
A333>!3
X
YZ[\]
X
^_X
]
X
`a`\b`c^d^_X
]
X
`X
\b
<'(-**N%
(NN%
N(
*N
(N**
N-
(N
L
5
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com