| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
USB2512 Datasheet(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2512 Datasheet(HTML) 9 Page - Microchip Technology |
|
9 / 63 page ![]() USB 2.0 Hi-Speed Hub Controller Datasheet SMSC USB251xB/xBi 9 Revision 2.2 (02-17-12) DATASHEET Indication of the maximum current required for the hub controller Custom string descriptors (up to 31 characters): Product Manufacturer Serial number Battery charging USB251xB/xBi products are fully footprint compatible with USB251x/xi/xA/xAi products: Pin-compatible Direct drop-in replacement Use the same PCB components USB-IF Compliance by Similarity for ease of use and a complete cost reduction solution Product IDs, device IDs, and other register defaults may differ. See Section 5.1 on page 27 for details. Table 1.1 Summary of Compatibilities between USB251xB/xBi and USB251x/xi/xA/xAi Products Part Number Drop-in Replacement USB2512 USB2512B USB2512i USB2512Bi USB2512A USB2512B USB2512Ai USB2512Bi USB2513 USB2513B USB2513i USB2513Bi USB2514 USB2514B USB2514i USB2514Bi |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |